Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27W512-100K6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27W512-100K6
Description  512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W512-100K6 Datasheet(HTML) 1 Page - STMicroelectronics

  M27W512-100K6 Datasheet HTML 1Page - STMicroelectronics M27W512-100K6 Datasheet HTML 2Page - STMicroelectronics M27W512-100K6 Datasheet HTML 3Page - STMicroelectronics M27W512-100K6 Datasheet HTML 4Page - STMicroelectronics M27W512-100K6 Datasheet HTML 5Page - STMicroelectronics M27W512-100K6 Datasheet HTML 6Page - STMicroelectronics M27W512-100K6 Datasheet HTML 7Page - STMicroelectronics M27W512-100K6 Datasheet HTML 8Page - STMicroelectronics M27W512-100K6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
November 2004
M27W512
512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
FEATURES SUMMARY
2.7 to 3.6V SUPPLY VOLTAGE in READ
OPERATION
ACCESS TIME:
70ns at VCC = 3.0 to 3.6V
80ns at VCC = 2.7 to 3.6V
PIN COMPATIBLE with M27C512
LOW POWER CONSUMPTION:
15µA max Standby Current
15mA max Active Current at 5MHz
PROGRAMMING TIME 100µs/byte
HIGH RELIABILITY CMOS TECHNOLOGY
2000V ESD Protection
200mA Latchup Protection Immunity
ELECTRONIC SIGNATURE
Manufacturer Code: 20h
Device Code: 3Dh
PACKAGES
Lead-Free Versions
Figure 1. Packages
1
28
FDIP28W (F)
28
1
PDIP28 (B)
PLCC32 (K)
TSOP28 (N)
8 x 13.4 mm


Similar Part No. - M27W512-100K6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27W512-100K6TR STMICROELECTRONICS-M27W512-100K6TR Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27W512-100K6TR STMICROELECTRONICS-M27W512-100K6TR Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
More results

Similar Description - M27W512-100K6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
   1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com