Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF15H35CT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBRF15H35CT
Description  Dual Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF15H35CT Datasheet(HTML) 3 Page - Vishay Siliconix

  MBRF15H35CT Datasheet HTML 1Page - Vishay Siliconix MBRF15H35CT Datasheet HTML 2Page - Vishay Siliconix MBRF15H35CT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MBR15HxxCT, MBRF15HxxCT & MBRB15HxxCT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88782
www.vishay.com
14-Mar-03
3
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
1
10
100
25
50
75
100
125
150
175
Fig. 3 – Typical Instantaneous
Forward Characteristics Per Leg
Fig. 5 – Typical Junction
Capacitance Per Leg
Fig. 6 – Typical Transient
Thermal Impedance Per Leg
Number of Cycles at 60 HZ
Reverse Voltage (V)
0
5
10
15
20
025
50
75
100
125
150
175
Fig. 1 – Forward Current
Derating Curve
Case Temperature (
°C)
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current Per Leg
0.01
0.1
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0
1
10
100
Instantaneous Forward Voltage (V)
020
60
40
100
80
0.0001
0.001
0.1
0.01
1
10
Fig. 4 – Typical Reverse
Characteristics Per Leg
Percent of Rated Peak Reverse Voltage (%)
t, Pulse Duration (sec.)
0.01
0.1
0.1
1
1.0
10
10
1
0.1
10
100
100
1000
10
1
MBR15H35CT -- MBR15H45CT
MBR15H50CT -- MBR15H60CT
MBR15H35CT -- MBR15H45CT
MBR15H50CT -- MBR15H60CT
MBR15H35CT -- MBR15H45CT
MBR15H50CT -- MBR15H60CT
TJ = 150
°C
TJ = 150
°C
TJ = 125
°C
TJ = 25
°C
TJ = 125
°C
TJ = 25
°C
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
TJ = 25
°C
f = 1.0 MHZ
Vsig = 50mVp-p
MBRF
MBR, MBRB


Similar Part No. - MBRF15H35CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF15H35CT VISHAY-MBRF15H35CT Datasheet
161Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
logo
Kersemi Electronic Co.,...
MBRF15H35CT KERSEMI-MBRF15H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
More results

Similar Description - MBRF15H35CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBRF1635CT ETC-MBRF1635CT Datasheet
58Kb / 2P
   Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT Datasheet
50Kb / 3P
   Dual Schottky Barrier Rectifiers
14-Jul-04
logo
EIC discrete Semiconduc...
SBL2030PT EIC-SBL2030PT Datasheet
98Kb / 2P
   DUAL SCHOTTKY BARRIER RECTIFIERS
FST31180 EIC-FST31180 Datasheet
96Kb / 2P
   Dual Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
MBR3035CT SSC-MBR3035CT Datasheet
285Kb / 5P
   Dual Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
MBR20XXCT GOOD-ARK-MBR20XXCT Datasheet
257Kb / 3P
   Dual Schottky Barrier Rectifiers
logo
EIC discrete Semiconduc...
FST10180 EIC-FST10180 Datasheet
96Kb / 2P
   Dual Schottky Barrier Rectifiers
FST20180 EIC-FST20180 Datasheet
96Kb / 2P
   Dual Schottky Barrier Rectifiers
FST31120 EIC-FST31120 Datasheet
96Kb / 2P
   Dual Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
MAC321 NJSEMI-MAC321 Datasheet
117Kb / 3P
   Dual Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
MBR25XXCT GOOD-ARK-MBR25XXCT Datasheet
259Kb / 3P
   Dual Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com