Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HCT640J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HCT640J
Description  Inverting Octal TRI-STATE Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HCT640J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HCT640J Datasheet HTML 1Page - National Semiconductor (TI) MM54HCT640J Datasheet HTML 2Page - National Semiconductor (TI) MM54HCT640J Datasheet HTML 3Page - National Semiconductor (TI) MM54HCT640J Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5370
February 1988
MM54HCT640MM74HCT640
Inverting Octal TRI-STATE
Transceiver
MM54HCT643MM74HCT643
True-Inverting Octal TRI-STATE Transceiver
General Description
These TRI-STATE bi-directional transceivers utilize advanced
silicon-gate CMOS technology and are intended for two-way
asynchronous communication between data buses They
have high drive current outputs which enable high speed
operation even when driving large bus capacitances These
circuits possess the low power consumption of CMOS cir-
cuitry yet have speeds comparable to low power Schottky
TTL circuits
All devices are TTL input compatible and can drive up to 15
LS-TTL loads and all inputs are protected from damage due
to static discharge by diodes to VCC and ground
Both the MM54HCT640MM74HCT640 and the
MM54HCT643 MM74HCT643 have one active low enable
input (G) and a direction control (DIR) When the DIR input
is high data flows from the A inputs to the B outputs When
DIR is low data flows from B to A The MM54HCT640
MM74HCT640 transfers inverted data from one bus to the
other The MM54HCT643MM74HCT643 transfers inverted
data from the A bus to the B bus and non-inverted data from
the B bus to the A bus
MM54HCTMM74HCT devices are intended to interface be-
tween TTL and NMOS components and standard CMOS
devices These parts are also plug-in replacements for LS-
TTL devices and can be used to reduce power consumption
in existing designs
Features
Y
TTL input compatible
Y
Octal TRI-STATE outputs for mP bus applications
6 mA typical
Y
High speed 16 ns typical propagation delay
Y
Low power 80 mA maximum (74HCT)
Connection Diagram
Dual-In-Line Packages
TLF5370 – 1
Top View
Order Number MM54HCT640 or MM74HCT640
TLF5370 – 2
Top View
Order Number MM54HCT643 or MM74HCT643
Truth Table
Control
Operation
Inputs
G
DIR
640
643
LL
B data to A bus
B data to A bus
LH
A data to B bus
A data to B bus
H
X
Isolation
Isolation
Hehigh level Lelow level Xeirrelevant
TRI-STATE
is a registered trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HCT640J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HCT688 NSC-MM54HCT688 Datasheet
109Kb / 4P
   8-Bit Magnitude Comparator (Equality Detector)
More results

Similar Description - MM54HCT640J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC640 NSC-MM74HC640 Datasheet
145Kb / 6P
   Inverting Octal TRI-STATE Transceiver
MM54HC620 NSC-MM54HC620 Datasheet
124Kb / 4P
   Octal TRI-STATE Transceiver
MM74HC242 NSC-MM74HC242 Datasheet
134Kb / 6P
   Inverting Quad TRI-STATE Transceiver
MM74HC245A NSC-MM74HC245A Datasheet
127Kb / 6P
   Octal TRI-STATE Transceiver
74LS245 NSC-74LS245 Datasheet
139Kb / 6P
   TRI-STATE Octal Bus Transceiver
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
   Non-Inverting Transceiver with TRI-STATE Outputs
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Motorola, Inc
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com