Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2595-2BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2595-2BM
Description  SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2595-2BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2595-2BM Datasheet HTML 1Page - Micrel Semiconductor MIC2595-2BM Datasheet HTML 2Page - Micrel Semiconductor MIC2595-2BM Datasheet HTML 3Page - Micrel Semiconductor MIC2595-2BM Datasheet HTML 4Page - Micrel Semiconductor MIC2595-2BM Datasheet HTML 5Page - Micrel Semiconductor MIC2595-2BM Datasheet HTML 6Page - Micrel Semiconductor MIC2595-2BM Datasheet HTML 7Page - Micrel Semiconductor MIC2595-2BM Datasheet HTML 8Page - Micrel Semiconductor MIC2595-2BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MIC2589/2595
Micrel
M9999-031504
4
March 2004
Pin Number
Pin Name
Pin Function
12
PWRGD2
Power-Good Output 2: Asserted when the following is true: (PWRGD1 =
(MIC2589-1)
Asserted) AND (Time after Assertion of PWRGD1 = Time PWRGD2, as
(MIC2595-1)
programmed by the capacitor on PGTIMER). Once PWRGD1 is asserted,
the PGTIMER pin begins to change and PWRGD2 will assert when
PGTIMER crosses the PWRGD2 threshold (V
THRESH(PG2) = 0.63V, typical).
Also see PWRGD1 and PGTIMER pin descriptions.
12
/PWRGD2
/Power-Good Output 2: Asserted when the following is true: (/PWRGD1 =
(MIC2589-2)
Asserted) AND (Time after Assertion of /PWRGD1 = Time /PWRGD2, as
(MIC2595-2)
programmed by the capacitor on PGTIMER). Once /PWRGD1 is asserted, the
PGTIMER pin begins to change and /PWRGD2 will assert when PGTIMER
crosses the /PWRGD2 threshold (V
THRESH(PG2) = 0.63V, typical). Also see
/PWRGD1 and PGTIMER pin descriptions.
13
PWRGD3
Power-Good Output 3: Asserted when the following is true: (PWRGD1 =
(MIC2589-1)
Asserted) AND (Time after Assertion of PWRGD1 = Time PWRGD3, as
(MIC2595-1)
programmed by the capacitor on PGTIMER). Once PWRGD1 is asserted,
the PGTIMER pin begins to change and PWRGD3 will assert when
PGTIMER crosses the PWRGD3 threshold (V
THRESH(PG3) = 1.15V, typical).
Also see PWRGD1 and PGTIMER pin descriptions.
13
/PWRGD3
/Power-Good Output 3: Open Collector. Asserted when the following is true:
(MIC2589-2)
(/PWRGD1 = Asserted) AND (Time after Assertion of /PWRGD1 = Time
(MIC2595-2)
/PWRGD3, as programmed by the capacitor on PGTIMER). Once /PWRGD1
is asserted, the PGTIMER pin begins to change and /PWRGD3 will assert
when PGTIMER crosses the /PWRGD3 threshold (V
THRESH(PG3) = 1.15V,
typical). Also see /PWRGD1 and PGTIMER pin descriptions.
14
VDD
Positive Supply Input.


Similar Part No. - MIC2595-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2595-2BM MICREL-MIC2595-2BM Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2595-2BM MICREL-MIC2595-2BM Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
More results

Similar Description - MIC2595-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2588 MICREL-MIC2588_05 Datasheet
1Mb / 21P
   Single-Channel, Negative High-Voltage Hot Swap Power Controllers
MIC2588 MICREL-MIC2588 Datasheet
83Kb / 14P
   Single-Channel, Negative High-Voltage Hot Swap Power Controllers
logo
Maxim Integrated Produc...
MAX5927 MAXIM-MAX5927 Datasheet
692Kb / 25P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 8/03
MAX5904 MAXIM-MAX5904 Datasheet
526Kb / 22P
   Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
19-2238; Rev 2; 11/03
MAX5929 MAXIM-MAX5929 Datasheet
574Kb / 25P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 1; 1/04
MAX5904 MAXIM-MAX5904_V01 Datasheet
634Kb / 24P
   Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
2005
MAX5927A MAXIM-MAX5927A Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com