Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWI50-06A7 Datasheet(PDF) 4 Page - IXYS Corporation

Part # MWI50-06A7
Description  IGBT Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MWI50-06A7 Datasheet(HTML) 4 Page - IXYS Corporation

  MWI50-06A7 Datasheet HTML 1Page - IXYS Corporation MWI50-06A7 Datasheet HTML 2Page - IXYS Corporation MWI50-06A7 Datasheet HTML 3Page - IXYS Corporation MWI50-06A7 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2000 IXYS All rights reserved
4 - 4
MWI 50-06 A7
MWI 50-06 A7T
Fig. 7
Typ. turn on energy and switching
Fig. 8 Typ. turn off energy and switching
times versus collector current
times versus collector current
Fig. 9
Typ. turn on energy and switching
Fig.10 Typ. turn off energy and switching
times versus gate resistor
times versus gate resistor
Fig. 11 Reverse biased safe operating area
Fig. 12 Typ. transient thermal impedance
RBSOA
040
80
120
0.0
2.5
5.0
7.5
10.0
0
25
50
75
100
0
40
80
120
0
1
2
3
4
0
100
200
300
400
0.00001 0.0001 0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
0
102030
405060
0
1
2
3
0
200
400
600
0
10
20304050
60
1
2
3
4
20
40
60
80
single pulse
V
CE = 300V
V
GE = ±15V
R
G = 22W
T
VJ = 125°C
MWI5006A7
V
CE = 300V
V
GE = ±15V
I
C
= 50A
T
VJ = 125°C
0
100
200
300
400
500
600
700
0
30
60
90
120
R
G = 22 W
T
VJ = 125°C
V
CE = 300V
V
GE = ±15V
R
G = 22W
T
VJ = 125°C
E
on
V
CE = 300V
V
GE = ±15V
I
C
= 50A
T
VJ = 125°C
t
d(on)
t
r
E
off
t
d(off)
t
f
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
I
C
A
I
C
A
E
off
E
on
t
t
R
G
W
R
G
W
V
CE
t
s
mJ
E
on
mJ
E
off
ns
t
ns
t
I
CM
K/W
Z
thJC
IGBT
diode
V
A
mJ
ns
ns
mJ


Similar Part No. - MWI50-06A7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MWI50-12A5 IXYS-MWI50-12A5 Datasheet
121Kb / 4P
   IGBT Modules Sixpack
MWI50-12A7 IXYS-MWI50-12A7 Datasheet
111Kb / 4P
   IGBT Modules Sixpack
MWI50-12A7T IXYS-MWI50-12A7T Datasheet
111Kb / 4P
   IGBT Modules Sixpack
logo
Sensitron
MWI50-12E6K SENSITRON-MWI50-12E6K Datasheet
135Kb / 2P
   IGBT Module Sixpack
logo
IXYS Corporation
MWI50-12E7 IXYS-MWI50-12E7 Datasheet
130Kb / 4P
   Short Circuit SOA Capability Square RBSOA
More results

Similar Description - MWI50-06A7

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com