Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NID5001N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NID5001N
Description  Self-protected FET with Temperature and Current Limit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NID5001N Datasheet(HTML) 4 Page - ON Semiconductor

  NID5001N Datasheet HTML 1Page - ON Semiconductor NID5001N Datasheet HTML 2Page - ON Semiconductor NID5001N Datasheet HTML 3Page - ON Semiconductor NID5001N Datasheet HTML 4Page - ON Semiconductor NID5001N Datasheet HTML 5Page - ON Semiconductor NID5001N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NID5001N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
0.9
0.02
0
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 7. Diode Forward Voltage vs. Current
VGS = 0 V
TJ = 25°C
0.14
0.7
0.5
0.3
0.1
0.08
0.12
Figure 8. Maximum Rated Forward Biased
Safe Operating Area
0.1
10
100
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS = 5 V
SINGLE PULSE
TC = 25°C
1.0
1.0
100
0.01
10
dc
100 ms
1 ms
10 ms
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.1
0.8
0.6
0.4
0.06
0.04
Based upon a TJ = 100°C, Steady State.


Similar Part No. - NID5001N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NID5001N ONSEMI-NID5001N Datasheet
66Kb / 5P
   Self?뭁rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 8
NID5001NT4 ONSEMI-NID5001NT4 Datasheet
66Kb / 5P
   Self?뭁rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 8
NID5001NT4G ONSEMI-NID5001NT4G Datasheet
66Kb / 5P
   Self?뭁rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 8
NID5001N ONSEMI-NID5001N_06 Datasheet
66Kb / 5P
   Self?뭁rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 8
More results

Similar Description - NID5001N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIF62514 ONSEMI-NIF62514 Datasheet
57Kb / 6P
   Self-protected FET with Temperature and Current Limit
April, 2003 - Rev. 3
NIF5002N ONSEMI-NIF5002N Datasheet
58Kb / 6P
   Self-Protected FET with Temperature and Current Limit
January, 2004 ??Rev. 5
NID5003NT4G ONSEMI-NID5003NT4G Datasheet
112Kb / 5P
   Self-Protected FET with Temperature and Current Limit
September, 2008??Rev. 6
NID5003N ONSEMI-NID5003N_06 Datasheet
124Kb / 6P
   Self?뭁rotected FET with Temperature and Current Limit
March, 2006??Rev. 3
NIF5003N ONSEMI-NIF5003N Datasheet
68Kb / 5P
   Self?뭁rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 2
NID5001N ONSEMI-NID5001N_06 Datasheet
66Kb / 5P
   Self?뭁rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 8
NIF5002N ONSEMI-NIF5002N_06 Datasheet
74Kb / 5P
   Self?뭁rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 7
NID5004N ONSEMI-NID5004N Datasheet
114Kb / 6P
   Self?뭁rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 1
NIF62514 ONSEMI-NIF62514_06 Datasheet
75Kb / 6P
   Self?뭦rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 5
NID6002N ONSEMI-NID6002N Datasheet
67Kb / 6P
   Self?뭁rotected FET with Temperature and Current Limit
January, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com