Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2382 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2382
Description  SWITCHING REGULATOR CONTROL IC FOR FLYBACK WITH CURRENT SENSE AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2382 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2382 Datasheet HTML 1Page - New Japan Radio NJM2382 Datasheet HTML 2Page - New Japan Radio NJM2382 Datasheet HTML 3Page - New Japan Radio NJM2382 Datasheet HTML 4Page - New Japan Radio NJM2382 Datasheet HTML 5Page - New Japan Radio NJM2382 Datasheet HTML 6Page - New Japan Radio NJM2382 Datasheet HTML 7Page - New Japan Radio NJM2382 Datasheet HTML 8Page - New Japan Radio NJM2382 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NJM2382
Ver 1.0
- 1 -
SWITCHING REGULATOR CONTROL IC FOR FLYBACK
WITH CURRENT SENSE AMPLIFIER
s
GENERAL DESCRIPTION
s
PACKAGE OUTLINE
s
FEATURES
q
PWM switching control
q
Operating Voltage
(3.6 to 32V)
q
Wide Oscillator Range
(5 to 350 kHz)
q
ON/OFF Circuit
(High Active)
q
Current Sensing Amplifier
q
Soft-Start Function
q
UVLO(Under Voltage Lockouts)
q
Bipolar Technology
q
Package Outline
DIP14, DMP14, SSOP10
s
PIN CONFIGURATION
The NJM2382 is a low voltage operation switching regulator
control IC.
It features totem pole output directly driving external bipolar
transistor and operates at high switching frequency which
improves transient response. In addition, low power standby
function is incorporated.
It is suitable for LCD back light, and other portable
applications.
NJM2382D
NJM2382V
NJM2382M
NJM2382D
NJM2382M
1.NC
2.IN-1
3.IN-2
4.F.B
5.GND
6.OUT
7.NC
8.NC
9. V+
10.CS
11.CT
12.REF
13.ON/OFF
14.NC
PIN FUNCTION
1
4
3
2
14
11
12
13
5
6
7
8
9
10
1.IN-1
2.IN-2
3.F.B
4.GND
5.OUT
6. V+
7.CS
8.CT
9.REF
10.ON/OFF
PIN FUNCTION
1
4
3
2
5
6
7
8
9
10
NJM2382V


Similar Part No. - NJM2382

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380A NJRC-NJM2380A Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380AD NJRC-NJM2380AD Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380AE NJRC-NJM2380AE Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380AF NJRC-NJM2380AF Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
More results

Similar Description - NJM2382

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2381 NJRC-NJM2381 Datasheet
119Kb / 8P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK WITH CURRENT SENSE AMPLIFIER
NJM2369 NJRC-NJM2369 Datasheet
329Kb / 9P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK?
NJM2368 NJRC-NJM2368 Datasheet
312Kb / 8P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK
NJM2384 NJRC-NJM2384 Datasheet
94Kb / 7P
   DC/DC CONVERTER CONTROL IC WITH CURRENT SENSE AMPLIFIER
NJM2383 NJRC-NJM2383 Datasheet
123Kb / 7P
   DC/DC CONVERTER CONTROL IC WITH CURRENT SENSE AMPLIFIER
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7650 NJRC-NJU7650 Datasheet
171Kb / 9P
   Step-Down switching regulator IC with Constant Current Control
NJU7677 NJRC-NJU7677 Datasheet
131Kb / 9P
   1.8V Operate PWM control Step-Up / Flyback switching regulator IC
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com