Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2382V Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2382V
Description  SWITCHING REGULATOR CONTROL IC FOR FLYBACK WITH CURRENT SENSE AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2382V Datasheet(HTML) 4 Page - New Japan Radio

  NJM2382V Datasheet HTML 1Page - New Japan Radio NJM2382V Datasheet HTML 2Page - New Japan Radio NJM2382V Datasheet HTML 3Page - New Japan Radio NJM2382V Datasheet HTML 4Page - New Japan Radio NJM2382V Datasheet HTML 5Page - New Japan Radio NJM2382V Datasheet HTML 6Page - New Japan Radio NJM2382V Datasheet HTML 7Page - New Japan Radio NJM2382V Datasheet HTML 8Page - New Japan Radio NJM2382V Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NJM2382
- 4 -
s
ELECTRICAL CHARACTERISTICS (V+=6V,RT=33kΩ,CT=1000pF,VON/OFF=3V,Ta=25°C)
ERROR AMPLIFIER BLOCK
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference Voltage2
VB2
0.51
0.52
0.53
V
Input Bias Voltage2
IB2
5
100
nA
Open Loop Gain2
AV2
90
dB
Gain Bandwidth Product2
GB2
0.6
MHz
Maximum Output Voltage2
(F.B Pin)
VOM-2
RNF=100kΩ
1
V
Maximum Source Current2
(F.B Pin)
IOM+2
VOM=0.5V
40
85
200
µA
PWM COMPARATE BLOCK
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Bias Voltage
(F.B Pin)
VTH0
duty·cycle=0%
1.65
1.75
V
Input Threshold Voltage
(F.B Pin)
VTH50
duty·cycle=50%
1.88
V
Maximum Duty Cycle
αM
Current Sense Amp.=HIGH
Error Amp.=HIGH ,CS Pin=1.2V
55
64
85
%
SOFT START CIRCUIT BLOCK
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Bias Current
(CS Pin)
IBCS
CS Pin=1.8V
250
650
nA
Input Threshold Voltage
(CS Pin)
VTHCS0
duty·cycle=0%
0.25
0.35
V
Input Threshold Voltage
(CS Pin)
VTHCS50 duty·cycle=50%
0.52
V
UNDER VOLTAGE LOCKOUT BLOCK
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
ON Threshold Voltage
VTHON
2.70
V
OFF Threshold Voltage
VTHOFF
2.52
V
Hysteresis Voltage
VHYS
60
180
mV
OUTPUT BLOCK
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
H-Output Voltage (OUT Pin)
VOH
RL=10kΩ
3.50
4.00
V
L-Output Voltage (OUT Pin)
VOL
Output Sink Current=20mA
0.25
0.65
V
Output Source Current
(OUT Pin)
ISOURCE OUT Pin=0V
8
11
mA


Similar Part No. - NJM2382V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380A NJRC-NJM2380A Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380AD NJRC-NJM2380AD Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380AE NJRC-NJM2380AE Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380AF NJRC-NJM2380AF Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
More results

Similar Description - NJM2382V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2381 NJRC-NJM2381 Datasheet
119Kb / 8P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK WITH CURRENT SENSE AMPLIFIER
NJM2369 NJRC-NJM2369 Datasheet
329Kb / 9P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK?
NJM2368 NJRC-NJM2368 Datasheet
312Kb / 8P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK
NJM2384 NJRC-NJM2384 Datasheet
94Kb / 7P
   DC/DC CONVERTER CONTROL IC WITH CURRENT SENSE AMPLIFIER
NJM2383 NJRC-NJM2383 Datasheet
123Kb / 7P
   DC/DC CONVERTER CONTROL IC WITH CURRENT SENSE AMPLIFIER
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7650 NJRC-NJU7650 Datasheet
171Kb / 9P
   Step-Down switching regulator IC with Constant Current Control
NJU7677 NJRC-NJU7677 Datasheet
131Kb / 9P
   1.8V Operate PWM control Step-Up / Flyback switching regulator IC
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com