Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6535 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU6535
Description  1/3 , 1/4 Duty LCD Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6535 Datasheet(HTML) 1 Page - New Japan Radio

  NJU6535 Datasheet HTML 1Page - New Japan Radio NJU6535 Datasheet HTML 2Page - New Japan Radio NJU6535 Datasheet HTML 3Page - New Japan Radio NJU6535 Datasheet HTML 4Page - New Japan Radio NJU6535 Datasheet HTML 5Page - New Japan Radio NJU6535 Datasheet HTML 6Page - New Japan Radio NJU6535 Datasheet HTML 7Page - New Japan Radio NJU6535 Datasheet HTML 8Page - New Japan Radio NJU6535 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
02/08/06
NJU6535
-1 -
1/3 , 1/4 Duty LCD Driver
GENERAL DESCRIPTION
The NJU6535 is a 1/3 or 1/4 duty LCD driver for
segment
type
LCD
panel
with
key
scan
function
transmitting the 30 keys maximum scanned data (6 x 5 =
30) to CPU.
The NJU6535 chooses numbers of common, key scan,
and general purpose ports by instructions. Therefore, It
drives 126 segments at 1/3 duty in use of 3 commons and
42 segments or 164 segments at 1/4 duty in use of 4 and
41. Also it provides 4 general purpose output ports
maximum to drive LEDs or others directly.
Furthermore, the NJU6535 can select a LCD driving
voltage out of 8 steps voltage by the instruction to adjust
the display contrast of LCD panel.
FEATURES
42-segment Drivers
Programmable Duty Ratio
1/3 Duty : 126-segment (Maximum)
1/4 Duty : 164-segment (Maximum)
30-key Scan Function (6X5 matrix)
Needless for anti-reverse current diodes in key scan
Programmable Bias Ratio
1/2, 1/3 bias
Output Port for LED (maximum 4 LED)
Serial Interface (SI, SO, SCL, CS)
Useful Instruction set
Incorporated LCD Driving Voltage Generator Circuits
Electrical Variable Resistance (8-step)
Logic Operating Voltage
4.5 ~ 5.5V
LCD Driving Voltage
~5.5V
Package Outline
QFP64-G1
QFP64-H1
C-MOS Technology (Substrate :P)
Preliminary
PACKAGE OUTLINE
NJU6535FG1
NJU6535FH1


Similar Part No. - NJU6535

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6533 NJRC-NJU6533 Datasheet
38Kb / 4P
   1/3, 1/4 Duty LCD Driver
NJU6538 NJRC-NJU6538 Datasheet
233Kb / 27P
   1/8, 1/9, 1/10 Duty BITMAP LCD DRIVER with KEY SCAN
NJU6538FC2 NJRC-NJU6538FC2 Datasheet
233Kb / 27P
   1/8, 1/9, 1/10 Duty BITMAP LCD DRIVER with KEY SCAN
NJU6538FG1 NJRC-NJU6538FG1 Datasheet
233Kb / 27P
   1/8, 1/9, 1/10 Duty BITMAP LCD DRIVER with KEY SCAN
NJU6539 NJRC-NJU6539 Datasheet
47Kb / 5P
   1/8, 1/9, 1/10 DUTY BITMAP LCD DRIVER WITH KEY SCAN
More results

Similar Description - NJU6535

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6533 NJRC-NJU6533 Datasheet
38Kb / 4P
   1/3, 1/4 Duty LCD Driver
NJU6543 NJRC-NJU6543 Datasheet
214Kb / 29P
   1/2 1/3 1/4 Duty LCD Driver
logo
NEC
UPD16430A NEC-UPD16430A Datasheet
130Kb / 24P
   1/2, 1/3, 1/4 DUTY LCD CONTROLLER/DRIVER
UPD16431A NEC-UPD16431A Datasheet
179Kb / 34P
   1/2, 1/3, 1/4-DUTY LCD CONTROLLER/DRIVER
logo
New Japan Radio
NJU6541A NJRC-NJU6541A Datasheet
398Kb / 41P
   Static 1/2 1/3 1/4 Duty LCD Driver
logo
Renesas Technology Corp
PD16431A RENESAS-PD16431A_15 Datasheet
743Kb / 38P
   1/2, 1/3, 1/4-DUTY LCD CONTROLLER/DRIVER
logo
Sanyo Semicon Device
LC75813T-E SANYO-LC75813T-E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
LC75886PW ONSEMI-LC75886PW Datasheet
436Kb / 36P
   1/4 and 1/3-Duty LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
LC75847T SANYO-LC75847T Datasheet
307Kb / 27P
   1/3, 1/4 Duty General-Purpose LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com