Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1157FC2 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJW1157FC2
Description  8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1157FC2 Datasheet(HTML) 1 Page - New Japan Radio

  NJW1157FC2 Datasheet HTML 1Page - New Japan Radio NJW1157FC2 Datasheet HTML 2Page - New Japan Radio NJW1157FC2 Datasheet HTML 3Page - New Japan Radio NJW1157FC2 Datasheet HTML 4Page - New Japan Radio NJW1157FC2 Datasheet HTML 5Page - New Japan Radio NJW1157FC2 Datasheet HTML 6Page - New Japan Radio NJW1157FC2 Datasheet HTML 7Page - New Japan Radio NJW1157FC2 Datasheet HTML 8Page - New Japan Radio NJW1157FC2 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
NJW1157
– 1 –
8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
s
s
s
s GENERAL DESCRIPTION
s
s
s
s PACKAGE OUTLINE
NJW1157
is an eight channel electronic volume IC.
It includes Input selector, tone control, volume, mute,
input selector gain control, volume output gain control
and 5 REC outputs. It’s suitable for multi-channel
audio equipments such as AV receivers and DVD
receivers.
These
functions
are
controlled
by
three-wired serial data.
s
s
s
s FEATURES
q
Operating Voltage
±4.5 to ±7.5V
q
Three-Wired Serial Data Control
q
Input Selector (x 12)
q
REC Output (x 5) with Selector
q
Input Selector Gain Control
Gain : 0/-3/-6/-9/-12dB
q
Volume Output Gain Control
Gain : 0/+3/+6/+9/+12/+15/+18dB
q
Volume
0 to -100dB/1dBstep, MUTE
q
Tone Control
0 to ±10dB/1dBstep
q
Subwoofer output addition to L, R channel output
q
Subwoofer output ON/OFF control
q
Bi-CMOS Technology
q
Package Outline
QFP100 – C2
s
s
s
s BLOCK DIAGRAM
NJW1157FC2
R1IN
GND
V+
V-
LATCH
DATA
CLOCK
Supply
Voltage
µCOM
Interface
Amp
Gain
LOUT
ROUT
COUT
LSOUT
RSOUT
SWOUT
L1IN
L2IN
L3IN
L4IN
L5IN
L6IN
L7IN
R2IN
R3IN
R4IN
R5IN
R6IN
R7IN
L8IN
R8IN
CAIN
LSAIN
RSAIN
LBAIN
RBAIN
SWAIN
Att Gain
Att Gain
DCLA1
SW
SW
TONE
TONE
DCLA2
DCRA1 DCRA2
Multi-Channel Input B
Input Selector
Multi-channel
Volume
LBOUT
RBOUT
LAIN
RAIN
L9IN
R9IN
L10IN
R10IN
L11IN
R11IN
L12IN
R12IN
REC Out Selector
SSW
BSW
TSW


Similar Part No. - NJW1157FC2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1150 NJRC-NJW1150 Datasheet
217Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1150M NJRC-NJW1150M Datasheet
217Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1151 NJRC-NJW1151 Datasheet
154Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1151M NJRC-NJW1151M Datasheet
154Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
More results

Similar Description - NJW1157FC2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1199 NJRC-NJW1199 Datasheet
55Kb / 4P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJU72340A NJRC-NJU72340A Datasheet
171Kb / 14P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
logo
Renesas Technology Corp
M61522FP RENESAS-M61522FP Datasheet
230Kb / 18P
   8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
logo
List of Unclassifed Man...
REJ03F0034_M61522FP ETC-REJ03F0034_M61522FP Datasheet
229Kb / 18P
   8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
logo
New Japan Radio
NJW1191V-TE1 NJRC-NJW1191V-TE1 Datasheet
273Kb / 20P
   4-channel Electronic Volume with Input Selector
NJW1153 NJRC-NJW1153 Datasheet
292Kb / 20P
   6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1191 NJRC-NJW1191 Datasheet
268Kb / 20P
   4-channel Electronic Volume with Input Selector
NJW1195A NJRC-NJW1195A Datasheet
85Kb / 3P
   4-Channel Electronic Volume with Input Selector
NJW1156 NJRC-NJW1156 Datasheet
195Kb / 13P
   2-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1195 NJRC-NJW1195 Datasheet
87Kb / 3P
   4-Channel Electronic Volume with Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com