Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB4302 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTB4302
Description  Power MOSFET 74 Amps, 30 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB4302 Datasheet(HTML) 5 Page - ON Semiconductor

  NTB4302 Datasheet HTML 1Page - ON Semiconductor NTB4302 Datasheet HTML 2Page - ON Semiconductor NTB4302 Datasheet HTML 3Page - ON Semiconductor NTB4302 Datasheet HTML 4Page - ON Semiconductor NTB4302 Datasheet HTML 5Page - ON Semiconductor NTB4302 Datasheet HTML 6Page - ON Semiconductor NTB4302 Datasheet HTML 7Page - ON Semiconductor NTB4302 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTP4302, NTB4302
http://onsemi.com
5
SAFE OPERATING AREA
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
Figure 13. Thermal Response
Figure 14. Diode Reverse Recovery Waveform
RθJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RθJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
t, TIME (s)
1.00
0.10
0.01
0.2
D = 0.5
0.05
0.01
SINGLE PULSE
0.1
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
1.0E+01
0.02


Similar Part No. - NTB4302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB4302 ONSEMI-NTB4302 Datasheet
86Kb / 7P
   Power MOSFET 74 Amps, 30 Volts N?묬hannel TO??20 & D2PAK
August, 2005 ??Rev. 3
NTB4302T4G ONSEMI-NTB4302T4G Datasheet
86Kb / 7P
   Power MOSFET 74 Amps, 30 Volts N?묬hannel TO??20 & D2PAK
August, 2005 ??Rev. 3
More results

Similar Description - NTB4302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB4302T4G ONSEMI-NTB4302T4G Datasheet
86Kb / 7P
   Power MOSFET 74 Amps, 30 Volts N?묬hannel TO??20 & D2PAK
August, 2005 ??Rev. 3
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTD30N02G ONSEMI-NTD30N02G Datasheet
134Kb / 5P
   Power MOSFET 30 Amps, 24 Volts
February, 2006 ??Rev. 3
NTB75N03-006 ONSEMI-NTB75N03-006 Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTMS3P03R2 ONSEMI-NTMS3P03R2_06 Datasheet
148Kb / 7P
   Power MOSFET -3.05 Amps, -30 Volts
March, 2006 ??Rev. 2
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
MMDF6N03HDR2 ONSEMI-MMDF6N03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 6 Amps, 30 Volts
August, 2006 ??Rev. 4
NTMS7N03R2 ONSEMI-NTMS7N03R2_05 Datasheet
98Kb / 10P
   Power MOSFET 7 Amps, 30 Volts
June, 2005 ??Rev. 4
NTMS7N03R2 ONSEMI-NTMS7N03R2 Datasheet
97Kb / 12P
   Power MOSFET 7 Amps, 30 Volts
November, 2002 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com