Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NNCD6.8J Datasheet(PDF) 2 Page - NEC

Part # NNCD6.8J
Description  ESD NOISE CLIPPING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD6.8J Datasheet(HTML) 2 Page - NEC

  NNCD6.8J Datasheet HTML 1Page - NEC NNCD6.8J Datasheet HTML 2Page - NEC NNCD6.8J Datasheet HTML 3Page - NEC NNCD6.8J Datasheet HTML 4Page - NEC NNCD6.8J Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet D15985EJ3V1DS
2
NNCD5.6J to NNCD36J
ELECTRICAL CHARACTERISTICS (TA = 25°C)
TYPE No.
Breakdown Voltage
Note1
VBR (V)
Capacitance
Ct (pF)
Reverse Leakage
IR (
µA)
ESD Voltage
Note2
(kV)
MIN.
MAX.
IT (mA)
TYP.
Condition
MAX.
VR (V)
MIN.
IT (mA)
NNCD5.6J
5.3
6.3
5
110
VR = 0 V
5
2.5
30
C = 150 pF
NNCD6.8J
6.2
7.1
5
90
f = 1 MHz
2
3.5
30
R = 330
NNCD8.2J
7.7
8.7
5
70
2
5.0
30
Contact
NNCD10J
9.0
11.0
5
55
2
7.0
30
discharge
NNCD16J
15.0
17.0
5
30
2
12.0
30
NNCD18J
16.2
19.8
5
25
2
13.0
23
NNCD24J
22.0
26.0
5
20
2
19.0
15
NNCD36J
34.0
38.0
2
15
2
27.0
12
Notes 1. Tested with pulse (40 ms)
2. Based upon with IEC 61000-4-2


Similar Part No. - NNCD6.8J

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD6.8A NEC-NNCD6.8A Datasheet
47Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 400 mW TYPE
NNCD6.8B NEC-NNCD6.8B Datasheet
43Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
NNCD6.8C NEC-NNCD6.8C Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 150 mW TYPE
NNCD6.8D NEC-NNCD6.8D Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
logo
Renesas Technology Corp
NNCD6.8DA RENESAS-NNCD6.8DA Datasheet
227Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
More results

Similar Description - NNCD6.8J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NNCD18DT RENESAS-NNCD18DT Datasheet
305Kb / 6P
   ESD NOISE CLIPPING DIODE
2009
logo
NEC
NNCD68H NEC-NNCD68H Datasheet
40Kb / 5P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE
logo
Renesas Technology Corp
NNCD2.0DA RENESAS-NNCD2.0DA Datasheet
227Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
logo
NEC
NNCD12A NEC-NNCD12A Datasheet
47Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 400 mW TYPE
NNCD56MG NEC-NNCD56MG Datasheet
35Kb / 4P
   LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 5-PIN MINI MOLD
NNCD62MF NEC-NNCD62MF Datasheet
36Kb / 4P
   LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 3-PIN MINI MOLD
NNCD12C NEC-NNCD12C Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 150 mW TYPE
NNCD12D NEC-NNCD12D Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
NNCD12E NEC-NNCD12E Datasheet
40Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
NNCD12B NEC-NNCD12B Datasheet
43Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com