Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27W512-200K6E Datasheet(PDF) 8 Page - STMicroelectronics

Part # M27W512-200K6E
Description  512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W512-200K6E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M27W512-200K6E Datasheet HTML 4Page - STMicroelectronics M27W512-200K6E Datasheet HTML 5Page - STMicroelectronics M27W512-200K6E Datasheet HTML 6Page - STMicroelectronics M27W512-200K6E Datasheet HTML 7Page - STMicroelectronics M27W512-200K6E Datasheet HTML 8Page - STMicroelectronics M27W512-200K6E Datasheet HTML 9Page - STMicroelectronics M27W512-200K6E Datasheet HTML 10Page - STMicroelectronics M27W512-200K6E Datasheet HTML 11Page - STMicroelectronics M27W512-200K6E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
M27W512
8/21
quenced from the device outputs by toggling ad-
dress line A0 from VIL to VIH. All other address
lines must be held at VIL during Electronic Signa-
ture mode. Byte 0 (A0 = VIL) represents the man-
ufacturer code and byte 1 (A0 = VIH) the device
identifier
code.
For
the
STMicroelectronics
M27W512, these two identifier bytes are given in
Table 3. and can be read-out on outputs Q7 to Q0.
Note that the M27W512 and M27C512 have the
same identifier byte.
ERASURE OPERATION (APPLIES FOR UV EPROM)
The erasure characteristics of the M27W512 is
such that erasure begins when the cells are ex-
posed to light with wavelengths shorter than ap-
proximately 4000 Å. It should be noted that
sunlight and some type of fluorescent lamps have
wavelengths in the 3000-4000 Å range.
Research shows that constant exposure to room
level fluorescent lighting could erase a typical
M27W512 in about 3 years, while it would take ap-
proximately 1 week to cause erasure when ex-
posed to direct sunlight. If the M27W512 is to be
exposed to these types of lighting conditions for
extended periods of time, it is suggested that
opaque labels be put over the M27W512 window
to prevent unintentional erasure. The recommend-
ed erasure procedure for the M27W512 is expo-
sure to short wave ultraviolet light which has
wavelength 2537 Å. The integrated dose (i.e. UV
intensity x exposure time) for erasure should be a
minimum of 15 W-sec/cm2. The erasure time with
this dosage is approximately 15 to 20 minutes us-
ing an ultraviolet lamp with 12000 µW/cm2 power
rating. The M27W512 should be placed within 2.5
cm (1 inch) of the lamp tubes during the erasure.
Some lamps have a filter on their tubes which
should be removed before erasure.


Similar Part No. - M27W512-200K6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W512-200K6TR STMICROELECTRONICS-M27W512-200K6TR Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
More results

Similar Description - M27W512-200K6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
   1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com