Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM39LV010 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM39LV010
Description  512 Kbit / 1Mbit / 2Mbit / 4Mbit 3.0 Volt-only CMOS Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM39LV010 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM39LV010 Datasheet HTML 1Page - PMC-Sierra, Inc PM39LV010 Datasheet HTML 2Page - PMC-Sierra, Inc PM39LV010 Datasheet HTML 3Page - PMC-Sierra, Inc PM39LV010 Datasheet HTML 4Page - PMC-Sierra, Inc PM39LV010 Datasheet HTML 5Page - PMC-Sierra, Inc PM39LV010 Datasheet HTML 6Page - PMC-Sierra, Inc PM39LV010 Datasheet HTML 7Page - PMC-Sierra, Inc PM39LV010 Datasheet HTML 8Page - PMC-Sierra, Inc PM39LV010 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FEATURES
• Single Power Supply Operation
- Low voltage range: 2.7 V - 3.6 V
• Memory Organization
- Pm39LV512: 64K x 8 (512 Kbit)
- Pm39LV010: 128K x 8 (1 Mbit)
- Pm39LV020: 256K x 8 (2 Mbit)
- Pm39LV040: 512K x 8 (4 Mbit)
• High Performance Read
- 55/70 ns access time
• Cost Effective Sector/Block Architecture
- Uniform 4 Kbyte sectors
- Uniform 64 Kbyte blocks (sector group - except
Pm39LV512)
• Data# Polling and Toggle Bit Features
• Hardware Data Protection
• Automatic Erase and Byte Program
- Build-in automatic program verification
- Typical 16 µs/byte programming time
- Typical 55 ms sector/block/chip erase time
• Low Power Consumption
- Typical 4 mA active read current
- Typical 8 mA program/erase current
- Typical 0.1 µA CMOS standby current
• High Product Endurance
- Guarantee 100,000 program/erase cycles per
single sector (preliminary)
- Minimum 20 years data retention
• Industrial Standard Pin-out and Packaging
- 32-pin (8 mm x 14 mm) VSOP
- 32-pin PLCC
- Optional lead-free (Pb-free) package
GENERAL DESCRIPTION
The Pm39LV512/010/020/040 are 512 Kbit/1 Mbit/2 Mbit/4 Mbit 3.0 Volt-only Flash Memories. These devices are
designed to use a single low voltage, range from 2.7 Volt to 3.6 Volt, power supply to perform read, erase and
program operations. The 12.0 Volt V
PP power supply for program and erase operations are not required. The devices
can be programmed in standard EPROM programmers as well.
The memory array of Pm39LV512 is divided into uniform 4 Kbyte sectors for data or code storage. The memory
arrays of Pm39LV010/020/040 are divided into uniform 4 Kbyte sectors or uniform 64 Kbyte blocks (sector group -
consists of sixteen adjacent sectors). The sector or block erase feature allows users to flexibly erase a memory
area as small as 4 Kbyte or as large as 64 Kbyte by one single erase operation without affecting the data in others.
The chip erase feature allows the whole memory array to be erased in one single erase operation. The devices can
be programmed on a byte-by-byte basis after performing the erase operation.
The devices have a standard microprocessor interface as well as a JEDEC standard pin-out/command set. The
program operation is executed by issuing the program command code into command register. The internal control
logic automatically handles the programming voltage ramp-up and timing. The erase operation is executed by
issuing the chip erase, block, or sector erase command code into command register. The internal control logic
automatically handles the erase voltage ramp-up and timing. The preprogramming on the array which has not been
programmed is not required before an erase operation. The devices offer Data# Polling and Toggle Bit functions, the
progress or completion of program and erase operations can be detected by reading the Data# Polling on I/O7 or
the Toggle Bit on I/O6.
The Pm39LV512/010/020/040 are manufactured on PMC’s advanced nonvolatile CMOS technology, P-FLASH™.
The devices are offered in 32-pin VSOP and PLCC packages with access time of 55 and 70 ns.
PMC
512 Kbit / 1Mbit / 2Mbit / 4Mbit 3.0 Volt-only CMOS Flash Memory
Programmable Microelectronics Corp.
Issue Date: December, 2003 Rev:1.2
Pm39LV512 / Pm39LV010 / Pm39LV020 / Pm39LV040
1


Similar Part No. - PM39LV010

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM390 ARTESYN-PM390 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390CE ARTESYN-PM390CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390K ARTESYN-PM390K Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391 ARTESYN-PM391 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391CE ARTESYN-PM391CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM39LV010

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV512 EON-EN29LV512 Datasheet
403Kb / 35P
   512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL032D SPANSION-S29AL032D Datasheet
1Mb / 69P
   32 Megabit CMOS 3.0 Volt-only Flash Memory
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
AMIC Technology
A25L020 AMICC-A25L020_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A25L512 AMICC-A25L512_15 Datasheet
559Kb / 43P
   2Mbit / 1Mbit /512Kbit Low Voltage, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com