Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12C671T-10E Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC12C671T-10E
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C671T-10E Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC12C671T-10E Datasheet HTML 5Page - Microchip Technology PIC12C671T-10E Datasheet HTML 6Page - Microchip Technology PIC12C671T-10E Datasheet HTML 7Page - Microchip Technology PIC12C671T-10E Datasheet HTML 8Page - Microchip Technology PIC12C671T-10E Datasheet HTML 9Page - Microchip Technology PIC12C671T-10E Datasheet HTML 10Page - Microchip Technology PIC12C671T-10E Datasheet HTML 11Page - Microchip Technology PIC12C671T-10E Datasheet HTML 12Page - Microchip Technology PIC12C671T-10E Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 129 page
background image
© 1999 Microchip Technology Inc.
DS30561B-page 9
PIC12C67X
TABLE 3-1:
PIC12C67X PINOUT DESCRIPTION
Name
DIP Pin #
I/O/P
Type
Buffer
Type
Description
GP0/AN0
7
I/O
TTL/ST Bi-directional I/O port/serial programming data/analog input 0.
Can be software programmed for internal weak pull-up and
interrupt-on-pin change. This buffer is a Schmitt Trigger input
when used in serial programming mode.
GP1/AN1/VREF
6
I/O
TTL/ST Bi-directional I/O port/serial programming clock/analog input 1/
voltage reference. Can be software programmed for internal
weak pull-up and interrupt-on-pin change. This buffer is a
Schmitt Trigger input when used in serial programming mode.
GP2/T0CKI/AN2/INT
5
I/O
ST
Bi-directional I/O port/analog input 2. Can be configured as
T0CKI or external interrupt.
GP3/MCLR/VPP
4
I
TTL/ST Input port/master clear (reset) input/programming voltage
input. When configured as MCLR, this pin is an active low
reset to the device. Voltage on MCLR/VPP must not exceed
VDD during normal device operation. Can be software pro-
grammed for internal weak pull-up and interrupt-on-pin
change. Weak pull-up always on if configured as MCLR . This
buffer is Schmitt Trigger when in MCLR mode.
GP4/OSC2/AN3/CLKOUT
3
I/O
TTL
Bi-directional I/O port/oscillator crystal output/analog input 3.
Connections to crystal or resonator in crystal oscillator mode
(HS, XT and LP modes only, GPIO in other modes). In EXTRC
and INTRC modes, the pin output can be configured to CLK-
OUT, which has 1/4 the frequency of OSC1 and denotes the
instruction cycle rate.
GP5/OSC1/CLKIN
2
I/O
TTL/ST Bi-directional IO port/oscillator crystal input/external clock
source input (GPIO in INTRC mode only, OSC1 in all other
oscillator modes). Schmitt trigger input for EXTRC oscillator
mode.
VDD
1P
Positive supply for logic and I/O pins.
VSS
8
P
Ground reference for logic and I/O pins.
Legend: I = input, O = output, I/O = input/output, P = power, — = not used, TTL = TTL input,
ST = Schmitt Trigger input.


Similar Part No. - PIC12C671T-10E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12C671T MICROCHIP-PIC12C671T Datasheet
1Mb / 130P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1997-2013 11/29/12
More results

Similar Description - PIC12C671T-10E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
PIC12C67X MICROCHIP-PIC12C67X Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1999 - 2002
PIC12C67X MICROCHIP-PIC12C67X_13 Datasheet
1Mb / 130P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1997-2013 11/29/12
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112 Datasheet
1Mb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65522 OKI-MSM65522 Datasheet
183Kb / 22P
   8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
T80C5112 ATMEL-T80C5112_00 Datasheet
763Kb / 97P
   8-bit Microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com