Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1M8657X01-E0T0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S1M8657X01-E0T0
Description  TX IF/BBA WITH AGC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1M8657X01-E0T0 Datasheet(HTML) 5 Page - Samsung semiconductor

  S1M8657X01-E0T0 Datasheet HTML 1Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 2Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 3Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 4Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 5Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 6Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 7Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 8Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TX IF/BBA WITH AGC
S1M8657
5
PIN DESCRIPTION (Continued)
PIN
NAME
I/O
Description
32
FMB/DATA
BI
When SEN = high, this pin is used as the SPI data input pin; when
low, it converts to the FMB, the parallel control input. In the parallel
control mode, if this pin becomes low, the IC enters FM Mode and, if
high, CDMA Mode.
33
IDLEB/STB
DI
When SEN = high, this pin is used as the SPI STB(Strobe) pin; when
low, it converts to IDLEB, the parallel control input. In the parallel
control mode, if this pin becomes low, the IC enters the IDLE mode,
and if high, TALK mode.
34
SLSB/CLK
DI
When SEN = high, this pin is used as the SPI CLK input pin; when
low, it converts to the SLSB, the parallel control input and becomes
the input pin for the latter bit of the two GP input select bit.
35
TCXO
AI
External TCXO signal input pin, whose input DC potential is 1.5V from
only the input bias when not operating.
37
PDISET
AO
Pin determining the charge pump current in the PLL, whose operating
voltage is 0.64V. The resistance between this pin and GND
determines the charge-pump current, which is R/0.64.
38
PDOUT
AO
Charge pump current output pin, whose peak current is R/0.64 and
11R/0.64 in the Lock mode and Acquisition mode, respectively. When
not operating, it is at high impedance.
41
FM_MOD
AO
FM modulation FM Baseband output signal, which is sent only in the
FM Talk mode but has high impedance at any other time.
6, 45, 47
VDD
Power pin for the analog circuit.
3, 5, 7,
22, 39,
44, 48
GND
Ground pin for the analog circuit.
21
VDDM
Pin for the digital input/output circuit connected to the modem.
9, 23, 40
VDD_DIG
Digital logic power pin.
10
GND_DIG
Digital circuit ground pin.


Similar Part No. - S1M8657X01-E0T0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1M8656A SAMSUNG-S1M8656A Datasheet
264Kb / 26P
   CDMA/AMPS Dual Mode IF/ baseband IC
S1M8656A01-E0T0 SAMSUNG-S1M8656A01-E0T0 Datasheet
264Kb / 26P
   CDMA/AMPS Dual Mode IF/ baseband IC
S1M8656A01-F0T0 SAMSUNG-S1M8656A01-F0T0 Datasheet
264Kb / 26P
   CDMA/AMPS Dual Mode IF/ baseband IC
More results

Similar Description - S1M8657X01-E0T0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1M8660A SAMSUNG-S1M8660A Datasheet
198Kb / 32P
   RX IF / BBA WITH GPS
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
   MOPLL with IF AGC Amplifier
logo
DAICO Industries, Inc.
DHD08063 DAICO-DHD08063 Datasheet
30Kb / 1P
   IF / AGC HYBRID
logo
NEC
UPC8195K NEC-UPC8195K Datasheet
60Kb / 6P
   TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
California Eastern Labs
UPC8195K CEL-UPC8195K Datasheet
206Kb / 7P
   TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
List of Unclassifed Man...
ISG510067 ETC1-ISG510067 Datasheet
209Kb / 7P
   DTV IF AGC AMPLIFIER
PS20063 ETC2-PS20063 Datasheet
858Kb / 39P
   Image Reject MOPLL with IF AGC Amplifier
PS20060 ETC2-PS20060 Datasheet
1Mb / 39P
   MOPLL with IF AGC Amplifier Preliminary Information
logo
SIRENZA MICRODEVICES
S510067 SIRENZA-S510067 Datasheet
163Kb / 6P
   DTV IF AGC AMPLIFIER
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com