Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4276 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # Q67040-S4276
Description  Fast IGBT in NPT-technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4276 Datasheet(HTML) 4 Page - Infineon Technologies AG

  Q67040-S4276 Datasheet HTML 1Page - Infineon Technologies AG Q67040-S4276 Datasheet HTML 2Page - Infineon Technologies AG Q67040-S4276 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4276 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4276 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4276 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4276 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4276 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4276 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SGP15N120
SGP15N120
SGW15N120
Power Semiconductors
4Jul-02
10Hz
100Hz
1kHz
10kHz
100kHz
0A
10A
20A
30A
40A
50A
60A
70A
T
C=110°C
T
C=80°C
1V
10V
100V
1000V
0.1A
1A
10A
100A
DC
1ms
200
µs
50
µs
15
µs
t
p=2µs
f, SWITCHING FREQUENCY
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 1. Collector current as a function of
switching frequency
(Tj
≤ 150°C, D = 0.5, V
CE = 800V,
VGE = +15V/0V, RG = 33
Ω)
Figure 2. Safe operating area
(D = 0, TC = 25
°C, T
j
≤ 150°C)
25°C
50°C
75°C
100°C
125°C
0W
25W
50W
75W
100W
125W
150W
175W
200W
25°C
50°C
75°C
100°C
125°C
0A
5A
10A
15A
20A
25A
30A
35A
TC, CASE TEMPERATURE
TC, CASE TEMPERATURE
Figure 3. Power dissipation as a function
of case temperature
(Tj
≤ 150°C)
Figure 4. Collector current as a function of
case temperature
(VGE
≤ 15V, T
j
≤ 150°C)
Ic
Ic


Similar Part No. - Q67040-S4276

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4270 INFINEON-Q67040-S4270 Datasheet
386Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
Q67040-S4271 INFINEON-Q67040-S4271 Datasheet
386Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
Q67040-S4272 INFINEON-Q67040-S4272 Datasheet
386Kb / 11P
   Fast IGBT in NPT-technology
Jul-02
Q67040-S4273 INFINEON-Q67040-S4273 Datasheet
386Kb / 11P
   Fast IGBT in NPT-technology
Jul-02
Q67040-S4278 INFINEON-Q67040-S4278 Datasheet
402Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
More results

Similar Description - Q67040-S4276

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW02N120 INFINEON-SGW02N120_06 Datasheet
813Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2.1 Feb 06
SGP30N60 INFINEON-SGP30N60_08 Datasheet
335Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGP04N60 INFINEON-SGP04N60 Datasheet
391Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGB15N120 INFINEON-SGB15N120_07 Datasheet
841Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2_2 Apr 07
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW30N60 INFINEON-SGW30N60 Datasheet
425Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP06N60 INFINEON-SGP06N60_07 Datasheet
346Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.2 Sep 07
SGP07N120 INFINEON-SGP07N120 Datasheet
386Kb / 11P
   Fast IGBT in NPT-technology
Jul-02
SGP02N60 INFINEON-SGP02N60 Datasheet
385Kb / 12P
   FAST IGBT IN NPT TECHNOLOGY
Jul-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com