Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EP14U Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY100EP14U
Description  2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP14U Datasheet(HTML) 8 Page - Micrel Semiconductor

  SY100EP14U Datasheet HTML 1Page - Micrel Semiconductor SY100EP14U Datasheet HTML 2Page - Micrel Semiconductor SY100EP14U Datasheet HTML 3Page - Micrel Semiconductor SY100EP14U Datasheet HTML 4Page - Micrel Semiconductor SY100EP14U Datasheet HTML 5Page - Micrel Semiconductor SY100EP14U Datasheet HTML 6Page - Micrel Semiconductor SY100EP14U Datasheet HTML 7Page - Micrel Semiconductor SY100EP14U Datasheet HTML 8Page - Micrel Semiconductor SY100EP14U Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Precision Edge™
SY100EP14U
Micrel
TERMINATION RECOMMENDATIONS
R2
82
R2
82
ZO = 50Ω
ZO = 50Ω
+3.3V
+3.3V
Vt = VCC –2V
R1
130
R1
130
+3.3V
Figure 1. Parallel Termination–Thevenin Equivalent
Note 1.
For +2.5V systems: R1 = 250
Ω, R2 = 62.5Ω
Note 2.
For +5.0V systems: R1 = 82
Ω, R2 = 130Ω
Z = 50
Z = 50
50
50
50
+3.3V
+3.3V
“source”“destination”
Rb
Figure 2. Three-Resistor “Y–Termination”
Note 1.
Power-saving alternative to Thevenin termination.
Note 2.
Place termination resistors as close to destination inputs as possible.
Note 3.
R
b resistor sets the DC bias voltage, equal to Vt. For +3.3V systems Rb = 46Ω to 50Ω. For +5V systems, Rb = 110Ω.
+3.3V
+3.3V
50
ZO = 50Ω
0.01
µF
VBB
R2
82
+3.3V
+3.3V
R1
130
R1
130
R2
82
Vt = VCC –2V
Q
/Q
+3.3V
Figure 3. Terminating Unused I/O
Note 1.
Unused output (/Q) must be terminated to balance the output.
Note 2.
Micrel's differential I/O logic devices include a V
BB reference pin .
Note 3.
Connect unused input through 50
Ω to V
BB. Bypass with a 0.01µF capacitor to VCC, not GND.
Note 4.
For +2.5V systems: R1 = 250
Ω, R2 = 62.5Ω.


Similar Part No. - SY100EP14U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP14UK4C MICREL-SY100EP14UK4C Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14UK4CTR MICREL-SY100EP14UK4CTR Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14UK4G MICREL-SY100EP14UK4G Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14UK4GTR MICREL-SY100EP14UK4GTR Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14UK4I MICREL-SY100EP14UK4I Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
More results

Similar Description - SY100EP14U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP14U MICREL-SY100EP14U_10 Datasheet
1Mb / 10P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14AU MICREL-SY100EP14AU Datasheet
211Kb / 8P
   2.5V/3.3V 1:5 LVPECL/LVECL/HSTL 2GHz Clock Driver With 2:1 Differential Input MUX
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com