Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6201 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC6201
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6201 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC6201 Datasheet HTML 1Page - Toshiba Semiconductor TPC6201 Datasheet HTML 2Page - Toshiba Semiconductor TPC6201 Datasheet HTML 3Page - Toshiba Semiconductor TPC6201 Datasheet HTML 4Page - Toshiba Semiconductor TPC6201 Datasheet HTML 5Page - Toshiba Semiconductor TPC6201 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TPC6201
2002-01-17
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6201
HDD Motor Drive Applications
Notebook PC Applications
Portable Equipment Applications
· Low drain-source ON resistance: RDS (ON) = 80 mΩ (typ.)
· High forward transfer admittance: |Yfs| = 3.8 S (typ.)
· Low leakage current: IDSS = 10 µA (max) (VDS = 30 V)
· Enhancement-model: Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kW)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
2.5
Drain
current
Pulse
(Note 1)
IDP
10
A
Single-device operation
(Note 3a)
PD (1)
0.9
Drain power
dissipation
(t
= 5 s)
(Note 2a)
Single device value at
dual operation (Note 3b)
PD (2)
0.76
W
Single-device operation
(Note 3a)
PD (1)
0.4
Drain power
dissipation
(t
= 5 s)
(Note 2b)
Single device value at
dual operation (Note 3b)
PD (2)
0.31
W
Single pulse avalanche energy (Note 4)
EAS
1.0
mJ
Avalanche current
IAR
1.25
A
Repetitive avalanche energy
(Note 5)
EAR
0.16
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55 to 150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Single-device operation
(Note 3a)
Rth (ch-a) (2)
139
Thermal Resistance
(channel-to-ambient)
(t
= 5 s)
(Note 2a) Single device value at
dual operation (Note 3b)
Rth (ch-a) (2)
165
°C/W
Single-device operation
(Note 3a)
Rth (ch-a) (2)
310
Thermal Resistance
(channel-to-ambient)
(t
= 5 s)
(Note 2b) Single device value at
dual operation (Note 3b)
Rth (ch-a) (2)
400
°C/W
Note: (Note 1), (Note 2), (Note 3), (Note 4), (Note 5), (Note 6) Please see next page.
This transistor is an electrostatically sensitive device. Please handle it with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-3T1B
Weight: 0.011 g (typ.)
Circuit Configuration
6
4
1
2
3
5
Marking (Note 6)
S 4 A


Similar Part No. - TPC6201

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TPC6201 VBSEMI-TPC6201 Datasheet
520Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - TPC6201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3K14T TOSHIBA-SSM3K14T Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6002 TOSHIBA-TPC6002 Datasheet
158Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3442 TOSHIBA-2SK3442 Datasheet
207Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3441 TOSHIBA-2SK3441 Datasheet
233Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8206 TOSHIBA-TPC8206 Datasheet
223Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8204 TOSHIBA-TPC8204 Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
   TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com