Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T85HFL80S05 Datasheet(PDF) 2 Page - International Rectifier

Part # T85HFL80S05
Description  FAST RECOVERY DIODES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

T85HFL80S05 Datasheet(HTML) 2 Page - International Rectifier

  T85HFL80S05 Datasheet HTML 1Page - International Rectifier T85HFL80S05 Datasheet HTML 2Page - International Rectifier T85HFL80S05 Datasheet HTML 3Page - International Rectifier T85HFL80S05 Datasheet HTML 4Page - International Rectifier T85HFL80S05 Datasheet HTML 5Page - International Rectifier T85HFL80S05 Datasheet HTML 6Page - International Rectifier T85HFL80S05 Datasheet HTML 7Page - International Rectifier T85HFL80S05 Datasheet HTML 8Page - International Rectifier T85HFL80S05 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
www.irf.com
T..HFL Series
Bulletin I27107 rev. A 09/97
I
F(AV)
Max. average fwd current
40
70
85
A
180o conduction, half sine wave
@ Case temperature
70
70
70
oC
I
F(RMS)
Max. RMS forward current
63
110
133
A
I
FSM
Max. peak, one-cycle
475
830
1300
A
t = 10ms No voltage
forward, non-repetitive
500
870
1370
t = 8.3ms reapplied
surge current
400
700
1100
t = 10ms 100% V
RRM
420
730
1150
t = 8.3ms reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
1130
3460
8550
A2s
t = 10ms No voltage
Initial T
J
= T
J
max.
1030
3160
7810
t = 8.3ms reapplied
800
2450
6050
t = 10ms 100% V
RRM
730
2230
5520
t = 8.3ms reapplied
I2
√t
Maximum I2
√t for fusing
11300
34600
85500
A2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
I
FM
=
πxI
F(AV)
, T
J
= 25oC, tp = 400µs square wave
Av. power = V
F(TO)
x I
F(AV)
+ r
f
x (I
F(RMS)
)2
7.0
2.77
2.15
m
Ω T
J
= 25 oC, (16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
)
0.82
0.87
0.84
V
T
J
= 25 oC, (16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
)
0.84
0.90
0.86
T
J
= 25 oC, (I >
π x I
F(AV))
6.8
2.67
2.07
T
J
= 25 oC, (I >
π x I
F(AV))
Parameters
T40HFL T70HFL T85HFL
Units Conditions
V
FM
Max. forward voltage drop
1.60
1.73
1.55
V
Type number
Voltage
t
rr
V
RRM
, maximum repetitive
V
RSM
, maximum non-repetitive
I
RRM
max.
Code
Code
peak reverse voltage
peak reverse voltage
T
J
= @25°C
VV
µ A
10
S02, S05, S10
100
150
100
T40HFL..
20
S02, S05, S10
200
300
T70HFL..
40
S02, S05, S10
400
500
T85HFL..
60
S02, S05, S10
600
700
80
S05, S10
800
900
100
S05, S10
1000
1100
I
RRM
Max. peak rev. leak. current
20
mA
T
J
= 125oC
V
INS
RMS isolation voltage
3500
V
50Hz, circuit to base, all terminals shorted
T
J
= 25°C, t = 1 s
Voltage Ratings
ELECTRICAL SPECIFICATIONS
Forward Conduction
Blocking
Parameters
T40HFL T70HFL T85HFL
Units Conditions


Similar Part No. - T85HFL80S05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T85HFL80S05 VISHAY-T85HFL80S05 Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
T85HFL80S05 VISHAY-T85HFL80S05 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
More results

Similar Description - T85HFL80S05

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com