Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE3115 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE3115
Description  Bar Graph Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE3115 Datasheet(HTML) 2 Page - NTE Electronics

  NTE3115 Datasheet HTML 1Page - NTE Electronics NTE3115 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electro–Optical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Test Conditions
Min
Typ Max Unit
Forward Voltage
NTE3115, NTE3117
IF = 10mA
2.0
2.5
V
NTE3116
2.2
3.0
V
Luminous Intensity (Unit Average)
IF = 10mA, Note 1
510
µcd
Pulsed Luminous Intensity (NTE3116 Only)
IF = 60mA peak, 1:6 DF
710
µcd
Peak Emission Wavelength
NTE3115
630
nm
NTE3116
562
nm
NTE3117
585
nm
Spectral Line Half Width
NTE3115, NTE3117
40
nm
NTE3116
30
nm
Dynamic Resistance, Segment
NTE3115, NTE3117
IF = 20mA
26
NTE3116
12
Capacitance
NTE3115, NTE3117
V = 0, f = 1MHz
35
pF
NTE3116
40
pF
Switching Time
IF = 10mA
500
ns
Reverse Voltage
IR = 100µA
6.0
V
Note 1. The average Luminous Intensity is obtained by summing the Luminous Intensity of each seg-
ment and dividing by the total number of segments. The standard of measurement is the
Photo Research Corp. “Spectra” Microcandela Meter (Model IV–D) corrected for wave-
length. Intensity will not vary more than
±33.3% between all segments within a unit.
Pin
Output
Pin
Output
1
D1 Anode
11
D10 Cathode
2
D2 Anode
12
D9 Cathode
3
D3 Anode
13
D8 Cathode
4
D4 Anode
14
D7 Cathode
5
D5 Anode
15
D6 Cathode
6
D6 Anode
16
D5 Cathode
7
D7 Anode
17
D4 Cathode
8
D8 Anode
18
D3 Cathode
9
D9 Anode
19
D2 Cathode
10
D10 Anode 20
D1 Cathode
1.000 (25.4)
.380
(9.65)
.300
(7.62)
.100 (2.54)
.150
(3.81)
.320
(8.12)
No. 1 Pin
Index


Similar Part No. - NTE3115

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE311 NTE-NTE311 Datasheet
21Kb / 2P
   Silicon NPN Transistor Frequency Multiplier, Driver, VHF/UHF
NTE3111 NTE-NTE3111 Datasheet
66Kb / 1P
   Red Bar Graph Display
NTE3113 NTE-NTE3113 Datasheet
71Kb / 2P
   Bar Graph Display
NTE3114 NTE-NTE3114 Datasheet
71Kb / 2P
   Bar Graph Display
More results

Similar Description - NTE3115

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3113 NTE-NTE3113 Datasheet
71Kb / 2P
   Bar Graph Display
NTE3111 NTE-NTE3111 Datasheet
66Kb / 1P
   Red Bar Graph Display
logo
LIGITEK electronics co....
LBD1301-24S-XX LIGITEK-LBD1301-24S-XX Datasheet
141Kb / 8P
   BAR GRAPH LED DISPLAY
logo
Lucky Light Electronic
KWL-401UX LUCKY-LIGHT-KWL-401UX Datasheet
44Kb / 1P
   Light Bar Graph Array Display
KWL-801UX LUCKY-LIGHT-KWL-801UX Datasheet
45Kb / 1P
   Light Bar Graph Array Display
KWL-1001UX LUCKY-LIGHT-KWL-1001UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
KWL-201UX LUCKY-LIGHT-KWL-201UX Datasheet
43Kb / 1P
   Light Bar Graph Array Display
KWL-701UX LUCKY-LIGHT-KWL-701UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
logo
Marktech Corporate
MTB10000-PG MARKTECH-MTB10000-PG Datasheet
333Kb / 3P
   10 Segment Green Bar Graph Display
logo
Hitachi Semiconductor
HA12010 HITACHI-HA12010 Datasheet
313Kb / 5P
   FLUORESCENT TUBE DRIVER FOR BAR GRAPH DISPLAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com