Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED9LC6416V2010BC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WED9LC6416V2010BC
Description  128Kx32 SSRAM/4Mx32 SDRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WED9LC6416V2010BC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WED9LC6416V2010BC Datasheet HTML 1Page - List of Unclassifed Manufacturers WED9LC6416V2010BC Datasheet HTML 2Page - List of Unclassifed Manufacturers WED9LC6416V2010BC Datasheet HTML 3Page - List of Unclassifed Manufacturers WED9LC6416V2010BC Datasheet HTML 4Page - List of Unclassifed Manufacturers WED9LC6416V2010BC Datasheet HTML 5Page - List of Unclassifed Manufacturers WED9LC6416V2010BC Datasheet HTML 6Page - List of Unclassifed Manufacturers WED9LC6416V2010BC Datasheet HTML 7Page - List of Unclassifed Manufacturers WED9LC6416V2010BC Datasheet HTML 8Page - List of Unclassifed Manufacturers WED9LC6416V2010BC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
White Electronic Designs Corporation • (508) 366-5151 • www.whiteedc.com
WED9LC6416V
January 20001
OUTPUT FUNCTIONAL DESCRIPTIONS
Symbol
Type
Signal
Polarity
Function
SSCLK
Input
Pulse
Positive Edge The system clock input. All of the SSRAM inputs are sampled on the rising edge of the clock.
SSADS
When sampled at the positive rising edge of the clock, SSADS, SSOE, and SSWE define the operation
SSOE
Input
Pulse
Active Low
to be executed by the SSRAM.
SSWE
SSCE
Input
Pulse
Active Low
SSCE disable or enable SSRAM device operation.
SDCLK
Input
Pulse
Positive Edge The system clock input. All of the SDRAM inputs are sampled on the rising edge of the clock.
SDCE
Input
Pulse
Active Low
SDCE disable or enable device operation by masking or enabling all inputs except SDCLK and BWE0-3.
SDRAS
When sampled at the positive rising edge of the clock, SDCAS, SDRAS, and SDWE define the operation
SDCAS
Input
Pulse
Active Low
to be executed by the SDRAM.
SDWE
Address bus for SSRAM and SDRAM
A0 and A1 are the burst address inputs for the SSRAM
During a Bank Active command cycle, A0-11, SDA10 defines the row address (RA0-10) when sampled at the
rising clock edge.
A0-16,
Input
Level
During a Read or Write command cycle, A0-7 defines the column address (CA0-7) when sampled at the
SDA10
rising clock edge. In addition to the row address, SDA10 is used to invoke Autoprecharge operation at the
end of the Burst Read or Write Cycle. If SDA10 is high, autoprecharge is selected and A12 and A13 define
the bank to be precharged. If SDA10 is low, autoprecharge is disabled.
During a Precharge command cycle, SDA10 is used in conjunction with A12 and A13 to control which bank(s)
to precharge. If SDA10 is high, all banks will be precharged regardless of the state of A12 and A13. If
SDA10 is low, then A12 and A13 are used to define which bank to precharge.
DQ0-31
Input
Level
Data Input/Output are multiplexed on the same pins.
Output
BWE0-3
Input
Pulse
BWE0-3 perform the byte write enable function for the SSRAM and DQM function for the SDRAM. BWE0
is associated with DQ0-7, BWE1 with DQ8-15, BWE2 with DQ16-23 and BWE3 with DQ24-31.
Vcc, Vss
Supply
Power and ground for the input buffers and the core logic.
VCCQ
Supply
Data base power supply pins, 3.3V (2.5V future).


Similar Part No. - WED9LC6416V2010BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED9LC6816V WEDC-WED9LC6816V Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
WED9LC6816V1310BC WEDC-WED9LC6816V1310BC Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
WED9LC6816V1310BI WEDC-WED9LC6816V1310BI Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
WED9LC6816V1312BC WEDC-WED9LC6816V1312BC Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
WED9LC6816V1312BI WEDC-WED9LC6816V1312BI Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
More results

Similar Description - WED9LC6416V2010BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED9LC6816V WEDC-WED9LC6816V Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
EDI9LC644V WEDC-EDI9LC644V Datasheet
1Mb / 25P
   128Kx32 SSRAM/1Mx32 SDRAM
logo
Hynix Semiconductor
HY5DU283222AQ HYNIX-HY5DU283222AQ Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222BF HYNIX-HY5DU283222BF Datasheet
266Kb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AQP HYNIX-HY5DU283222AQP Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222Q HYNIX-HY5DU283222Q Datasheet
344Kb / 27P
   128M(4Mx32) GDDR SDRAM
HY5DW283222BF HYNIX-HY5DW283222BF Datasheet
265Kb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DS283222BF HYNIX-HY5DS283222BF Datasheet
1,007Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DU283222F HYNIX-HY5DU283222F Datasheet
1Mb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DW283222AF HYNIX-HY5DW283222AF Datasheet
319Kb / 28P
   128M(4Mx32) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com