Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75L00IV Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT75L00IV
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L00IV Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT75L00IV Datasheet HTML 5Page - Exar Corporation XRT75L00IV Datasheet HTML 6Page - Exar Corporation XRT75L00IV Datasheet HTML 7Page - Exar Corporation XRT75L00IV Datasheet HTML 8Page - Exar Corporation XRT75L00IV Datasheet HTML 9Page - Exar Corporation XRT75L00IV Datasheet HTML 10Page - Exar Corporation XRT75L00IV Datasheet HTML 11Page - Exar Corporation XRT75L00IV Datasheet HTML 12Page - Exar Corporation XRT75L00IV Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
XRT75L00
REV. 1.0.2
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
7
37
RNEG/LCV
O
Receive Negative Data Output/Line Code Violation Indicator
Function of these pins depends on whether the XRT75L00 is configured in
Single Rail or Dual Rail mode.
If the XRT75L00 is configured in Dual Rail mode, a negative pulse is output
through RNEG.
In Hardware mode: Tie the pin SR/DR (pin 22) “High” to configure the
XRT75L00 in Single Rail mode and tie “Low” to configure in Dual Rail mode.
In HOST mode: XRT75L00 can be configured in Single Rail or Dual Rail by set-
ting or clearing the bit in the block control register.
Line Code Violation Indicator
If the XRT75L00 is configured in Single Rail mode then:
Whenever the Receiver Section detects a Line Code violation, it pulses this
output pin “High”. This output pin remains “Low” at all other times.
It is
advisable to sample this output pin using the RxClk output signal.
11
RRING
I
Receive Ring Input
This input pin along with RTIP is used to receive the bipolar line signal from the
Remote DS3/E3/STS-1 Terminal.
12
RTIP
I
Receive TIP Input
This input pin along with RRNG is used to receive the bipolar line signal from
the Remote DS3/E3/STS-1 Terminal.
27
RxMON/
SDO
I
Receive Monitoring Mode or Serial Data Output:
In Hardware mode, when this pin is tied “High” XRT75L00 configures into mon-
itoring channel. In the monitoring mode, the Receiver is capable of monitoring
the signals with 20 dB flat loss plus 6 dB cable attenuation. This allows to moni-
tor very weak signal before declaring LOS.
In HOST Mode, XRT75L00 can be configured to be a monitoring channel by
setting the bits in the receive control register.
NOTE: If the XRT75L00 is configured in HOST mode, this pin functions as SDO
pin (please refer to the pin description for the Microprocessor Interface).
RECEIVE INTERFACE
PIN #SIGNAL NAME
TYPE
DESCRIPTION


Similar Part No. - XRT75L00IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L00DIV EXAR-XRT75L00DIV Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results

Similar Description - XRT75L00IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L03 EXAR-XRT75L03 Datasheet
818Kb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R06 EXAR-XRT75R06 Datasheet
666Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com