Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T85HFL40S10 Datasheet(PDF) 9 Page - International Rectifier

Part # T85HFL40S10
Description  FAST RECOVERY DIODES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

T85HFL40S10 Datasheet(HTML) 9 Page - International Rectifier

Back Button T85HFL40S10 Datasheet HTML 5Page - International Rectifier T85HFL40S10 Datasheet HTML 6Page - International Rectifier T85HFL40S10 Datasheet HTML 7Page - International Rectifier T85HFL40S10 Datasheet HTML 8Page - International Rectifier T85HFL40S10 Datasheet HTML 9Page - International Rectifier T85HFL40S10 Datasheet HTML 10Page - International Rectifier T85HFL40S10 Datasheet HTML 11Page - International Rectifier T85HFL40S10 Datasheet HTML 12Page - International Rectifier T85HFL40S10 Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
T..HFL Series
9
Bulletin I27107 rev. A 09/97
www.irf.com
Fig. 28 - Recovery Time Characteristics
Fig. 29 - Recovery Charge Characteristics
Fig. 30 - Recovery Current Characteristics
Fig. 31 - Recovery Time Characteristics
Fig. 32 - Recovery Charge Characteristics
Fig. 33 - Recovery Current Characteristics
Fig. 34 - Recovery Time Characteristics
Fig. 35 - Recovery Charge Characteristics
Fig. 36 - Recovery Current Characteristics
6
8
10
12
14
16
18
20
22
24
26
28
10 20 30 40 50 60 70 80 90 100
200A
100A
50A
Rate Of Fall Of Forward Current - di/dt (A/µs)
T85HFL..S02
T = 125°C
I
= 300A
J
FM
5
10
15
20
25
10 20 30 40 50 60 70 80 90 100
200A
100A
50A
Rate Of Fall Of Forward Current - di/dt (A/µs)
T85HFL..S02
T = 125 °C
I
= 300A
J
FM
0.6
0.7
0.8
0.9
1
1.1
1.2
10
100
100A
50A
200A
Rate Of Fall Of Forward Current - di/dt (A/µs)
T85HFL..S02
T = 125°C
I
= 300A
J
FM
10
15
20
25
30
35
10 20 30 40 50 60 70 80 90 100
100A
50A
200A
Rate Of Fall Of Forward Current - di/dt (A/µs)
T85HFL..S05
T = 125°C
I
= 300A
J
FM
6
9
12
15
18
21
24
27
30
10 20 30 40 50 60 70 80 90 100
200A
Rate Of Fall Of Fo rward Current - di/dt (A/µs)
T85HFL..S05
T = 125°C
100A
50A
J
I
= 300A
FM
0.8
0.9
1
1.1
1.2
1.3
10
100
100A
50A
200A
Rate Of Fall Of Forward Current - di/dt (A/µs)
I
= 300A
T85HFL..S05
T = 125°C
FM
J
15
20
25
30
35
40
45
50
55
60
10 20 30 40 50 60 70 80 90 100
100A
50A
200A
I
= 300A
T85HFL..S10
T = 125°C
Rate Of Fall Of Forward Current - di/dt (A/µs)
FM
J
10
15
20
25
30
35
40
45
50
55
10 20 30 40 50 60 70 80 90 100
200A
Rate Of Fall Of Forward Current - di/dt (A/µs)
100A
50A
T85HFL..S10
T = 125°C
J
I
= 300A
FM
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
10
100
100A
50A
200A
Rate Of Fall Of Forward Current - di/dt (A/µs)
T85HFL..S10
T = 125°C
I
= 300A
J
FM


Similar Part No. - T85HFL40S10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T85HFL40S10 VISHAY-T85HFL40S10 Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
T85HFL40S10 VISHAY-T85HFL40S10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
More results

Similar Description - T85HFL40S10

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com