Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS128KK48V-15G4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WS128KK48V-15G4
Description  128Kx48 3.3V SRAM MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WS128KK48V-15G4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WS128KK48V-15G4 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS128KK48V-15G4 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS128KK48V-15G4 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS128KK48V-15G4 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS128KK48V-15G4 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
White Microelectronics • Phoenix, AZ • (602) 437-1520
WS128K48V-XG4WX
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
4.6
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
4.6
V
CS
OE
WE
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
X
L
Write
Data In
Active
L
H
H
Out Disable
High Z
Active
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3.0
3.6
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.3
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
DC CHARACTERISTICS
(VCC = 3.3V
± 0.3V, TA = -55°C to +125°C)
I
Current Source
D.U.T.
C
= 50 pf
eff
I
OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH
NOTES:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75
Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
AC TEST CIRCUIT
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 2.5
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Parameter
Sym
Conditions
Units
Min
Max
Input Leakage Current
ILI
VIN = GND to VCC
10
µA
Output Leakage Current
ILO
CS = VIH, OE = VIH, VOUT = GND to VCC
10
µA
Operating Supply Current
ICC
CS = VIL, OE = VIH, f = 5MHz, Vcc = 3.6
750
mA
Standby Current
ISB
CS = VIH, OE = VIH, f = 5MHz, Vcc = 3.6
48
mA
Output Low Voltage
VOL
IOL = 8mA
0.4
V
Output High Voltage
VOH
IOH = -4.0mA
2.4
V
NOTE: DC test conditions: VIH = VCC -0.3V, VIL = 0.3V
CAPACITANCE
(TA = +25
°C)
Parameter
Symbol
Conditions
Max
Unit
OE capacitance
COE
VIN = 0 V, f = 1.0 MHz
100
pF
WE capacitance
CWE
VIN = 0 V, f = 1.0 MHz
20
pF
CS capacitance
CCS
VIN = 0 V, f = 1.0 MHz
20
pF
Data I/O capacitance
CI/O
VI/O = 0 V, f = 1.0 MHz
20
pF
Address input capacitance
CAD
VIN = 0 V, f = 1.0 MHz
100
pF
This parameter is guaranteed by design but not tested.


Similar Part No. - WS128KK48V-15G4

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XG2LX MICROSEMI-WS128K32-XG2LX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
logo
Microsemi Corporation
WS128K32-XG2UX MICROSEMI-WS128K32-XG2UX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
WS128K32-XG4TX MICROSEMI-WS128K32-XG4TX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
WS128K32-XH1X MICROSEMI-WS128K32-XH1X Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results

Similar Description - WS128KK48V-15G4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS128K48-XG4WX ETC-WS128K48-XG4WX Datasheet
78Kb / 5P
   128Kx48 SRAM MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
WS128K64V-XG4WX ETC1-WS128K64V-XG4WX Datasheet
152Kb / 5P
   128Kx64 3.3V SRAM MODULE
logo
White Electronic Design...
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
logo
Hanbit Electronics Co.,...
HMS1M32M8V HANBIT-HMS1M32M8V Datasheet
193Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) 3.3V
HMS51232M4V HANBIT-HMS51232M4V Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com