Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G34DC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC3G34DC
Description  Triple buffer gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3G34DC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC3G34DC Datasheet HTML 6Page - NXP Semiconductors 74LVC3G34DC Datasheet HTML 7Page - NXP Semiconductors 74LVC3G34DC Datasheet HTML 8Page - NXP Semiconductors 74LVC3G34DC Datasheet HTML 9Page - NXP Semiconductors 74LVC3G34DC Datasheet HTML 10Page - NXP Semiconductors 74LVC3G34DC Datasheet HTML 11Page - NXP Semiconductors 74LVC3G34DC Datasheet HTML 12Page - NXP Semiconductors 74LVC3G34DC Datasheet HTML 13Page - NXP Semiconductors 74LVC3G34DC Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
9397 750 14545
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 31 January 2005
10 of 14
Philips Semiconductors
74LVC3G34
Triple buffer gate
Fig 8.
Package outline SOT765-1 (VSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.85
0.60
0.27
0.17
0.23
0.08
2.1
1.9
2.4
2.2
0.5
3.2
3.0
0.4
0.1
8
°
0
°
0.13
0.1
0.2
0.4
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.40
0.15
Q
0.21
0.19
SOT765-1
MO-187
02-06-07
w M
bp
D
Z
e
0.12
14
8
5
θ
A2
A1
Q
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
1
pin 1 index


Similar Part No. - 74LVC3G34DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G34DC NXP-74LVC3G34DC Datasheet
87Kb / 14P
   Triple buffer
Rev. 05-5 October 2007
74LVC3G34DC NXP-74LVC3G34DC Datasheet
100Kb / 16P
   Triple buffer
Rev. 07-9 May 2008
logo
Nexperia B.V. All right...
74LVC3G34DC NEXPERIA-74LVC3G34DC Datasheet
258Kb / 16P
   Triple buffer
Rev. 14 - 25 August 2021
74LVC3G34DC-Q100 NEXPERIA-74LVC3G34DC-Q100 Datasheet
200Kb / 11P
   Triple buffer
More results

Similar Description - 74LVC3G34DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC3G34 NXP-74HC3G34 Datasheet
90Kb / 13P
   Triple buffer gate
Rev. 05-7 May 2009
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
logo
NXP Semiconductors
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Texas Instruments
SN74LVC3G34 TI1-SN74LVC3G34_15 Datasheet
903Kb / 21P
[Old version datasheet]   Triple Buffer Gate
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
   Triple buffer gate
74HC3G16 NEXPERIA-74HC3G16 Datasheet
184Kb / 9P
   Triple buffer gate
Rev. 3 - 17 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com