Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED9LC6416V1512BI Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WED9LC6416V1512BI
Description  128Kx32 SSRAM/4Mx32 SDRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WED9LC6416V1512BI Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WED9LC6416V1512BI Datasheet HTML 1Page - List of Unclassifed Manufacturers WED9LC6416V1512BI Datasheet HTML 2Page - List of Unclassifed Manufacturers WED9LC6416V1512BI Datasheet HTML 3Page - List of Unclassifed Manufacturers WED9LC6416V1512BI Datasheet HTML 4Page - List of Unclassifed Manufacturers WED9LC6416V1512BI Datasheet HTML 5Page - List of Unclassifed Manufacturers WED9LC6416V1512BI Datasheet HTML 6Page - List of Unclassifed Manufacturers WED9LC6416V1512BI Datasheet HTML 7Page - List of Unclassifed Manufacturers WED9LC6416V1512BI Datasheet HTML 8Page - List of Unclassifed Manufacturers WED9LC6416V1512BI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
White Electronic Designs Corporation • (508) 366-5151 • www.whiteedc.com
WED9LC6416V
January 20001
SSRAM AC CHARACTERISTICS
(VCC = 3.3V -5% / +10% unless otherwise noted; 0
°C ≤ TA ≤ 70°C, Commercial; -40°C ≤ TA ≤ 85°C, Industrial)
Symbol
200MHz
166MHz
150MHz
133MHz
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Units
Clock Cycle Time
tKHKH
56
78
ns
Clock HIGH Time
tKLKH
1.6
2.4
2.6
2.8
ns
Clock LOW Time
tKHKL
1.6
2.4
2.6
2.8
ns
Clock to output valid
tKHQV
2.5
3.5
3.8
4.0
ns
Clock to output invalid
tKHQX
1.5
1.5
1.5
1.5
ns
Clock to output on Low-Z
tKQLZ
00
00
ns
Clock to output in High-Z
tKQHZ
1.5
3
1.5
3.5
1.5
3.8
1.5
4.0
ns
Output Enable to output valid
tOELQV
2.5
3.5
3.8
4.0
ns
Output Enable to output in Low-Z
tOELZ
00
00
ns
Output Enable to output in High-Z
tOEHZ
3.0
3.5
3.5
3.8
ns
Address, Control, Data-in Setup Time to Clock
tS
1.5
1.5
1.5
1.5
ns
Address, Control, Data-in Hold Time to Clock
tH
0.5
0.5
0.5
0.5
ns


Similar Part No. - WED9LC6416V1512BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED9LC6816V WEDC-WED9LC6816V Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
WED9LC6816V1310BC WEDC-WED9LC6816V1310BC Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
WED9LC6816V1310BI WEDC-WED9LC6816V1310BI Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
WED9LC6816V1312BC WEDC-WED9LC6816V1312BC Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
WED9LC6816V1312BI WEDC-WED9LC6816V1312BI Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
More results

Similar Description - WED9LC6416V1512BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED9LC6816V WEDC-WED9LC6816V Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
EDI9LC644V WEDC-EDI9LC644V Datasheet
1Mb / 25P
   128Kx32 SSRAM/1Mx32 SDRAM
logo
Hynix Semiconductor
HY5DU283222AQ HYNIX-HY5DU283222AQ Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222BF HYNIX-HY5DU283222BF Datasheet
266Kb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AQP HYNIX-HY5DU283222AQP Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222Q HYNIX-HY5DU283222Q Datasheet
344Kb / 27P
   128M(4Mx32) GDDR SDRAM
HY5DW283222BF HYNIX-HY5DW283222BF Datasheet
265Kb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DS283222BF HYNIX-HY5DS283222BF Datasheet
1,007Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DU283222F HYNIX-HY5DU283222F Datasheet
1Mb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DW283222AF HYNIX-HY5DW283222AF Datasheet
319Kb / 28P
   128M(4Mx32) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com