Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4283V8 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X4283V8
Description  CPU Supervisor with 128K EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4283V8 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X4283V8 Datasheet HTML 6Page - Xicor Inc. X4283V8 Datasheet HTML 7Page - Xicor Inc. X4283V8 Datasheet HTML 8Page - Xicor Inc. X4283V8 Datasheet HTML 9Page - Xicor Inc. X4283V8 Datasheet HTML 10Page - Xicor Inc. X4283V8 Datasheet HTML 11Page - Xicor Inc. X4283V8 Datasheet HTML 12Page - Xicor Inc. X4283V8 Datasheet HTML 13Page - Xicor Inc. X4283V8 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
X4283/85 – Preliminary Information
Characteristics subject to change without notice.
10 of 22
REV 1.17 11/27/00
www.xicor.com
Figure 10. Writing 12 bytes to a 64-byte page starting at location 60.
Address
Address
60
4 Bytes
n-1
8 Bytes
Address
= 7
Address Pointer
Ends Here
Addr = 8
The master terminates the Data Byte loading by issuing
a stop condition, which causes the device to begin the
nonvolatile write cycle. As with the byte write operation,
all inputs are disabled until completion of the internal
write cycle. See Figure 9 for the address, acknowledge,
and data transfer sequence.
Stops and Write Modes
Stop conditions that terminate write operations must be
sent by the master after sending at least 1 full data byte
plus the subsequent ACK signal. If a stop is issued in
the middle of a data byte, or before 1 full data byte plus
its associated ACK is sent, then the device will reset
itself without performing the write. The contents of the
array will not be effected.
Acknowledge Polling
The disabling of the inputs during nonvolatile cycles
can be used to take advantage of the typical 5ms write
cycle time. Once the stop condition is issued to indicate
the end of the master’s byte load operation, the device
initiates the internal nonvolatile cycle. Acknowledge
polling can be initiated immediately. To do this, the
master issues a start condition followed by the Slave
Address Byte for a write or read operation. If the device
is still busy with the nonvolatile cycle then no ACK will
be returned. If the device has completed the write oper-
ation, an ACK will be returned and the host can then
proceed with the read or write operation. Refer to the
flow chart in Figure 11.
Figure 11. Acknowledge Polling Sequence
ACK
returned?
Issue Slave Address
Byte (Read or Write)
Byte Load Completed
by Issuing STOP.
Enter ACK Polling
Issue STOP
Issue START
NO
YES
Nonvolatile Cycle
Complete. Continue
Command Sequence?
Issue STOP
NO
Continue Normal
Read or Write
Command Sequence
PROCEED
YES


Similar Part No. - X4283V8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4283V8 INTERSIL-X4283V8 Datasheet
322Kb / 21P
   CPU Supervisor with 128K EEPROM
X4283V8 INTERSIL-X4283V8 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Renesas Technology Corp
X4283V8 RENESAS-X4283V8 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4283V8-2.7 INTERSIL-X4283V8-2.7 Datasheet
322Kb / 21P
   CPU Supervisor with 128K EEPROM
X4283V8-2.7 INTERSIL-X4283V8-2.7 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
More results

Similar Description - X4283V8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4283 INTERSIL-X4283 Datasheet
322Kb / 21P
   CPU Supervisor with 128K EEPROM
logo
Renesas Technology Corp
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com