Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1703 Datasheet(PDF) 9 Page - ams AG

Part # AS1703
Description  1.6W Single-Channel Audio Power Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1703 Datasheet(HTML) 9 Page - ams AG

Back Button AS1703 Datasheet HTML 5Page - ams AG AS1703 Datasheet HTML 6Page - ams AG AS1703 Datasheet HTML 7Page - ams AG AS1703 Datasheet HTML 8Page - ams AG AS1703 Datasheet HTML 9Page - ams AG AS1703 Datasheet HTML 10Page - ams AG AS1703 Datasheet HTML 11Page - ams AG AS1703 Datasheet HTML 12Page - ams AG AS1703 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.austriamicrosystems.com
Revision 1.01
9 - 13
AS1702, AS1703, AS1704, AS1705
austriamicrosystems
Data Sheet
Layout and Grounding Considerations
7.4.2 Input Filter
The BTL inputs can be biased at voltages other than mid-supply. However, the integrated common-mode feedback cir-
cuit adjusts for input bias, ensuring the outputs are still biased at mid-supply. Input capacitors are not required if the
common-mode input voltage (VIC) is within the range specified in Table 2 and Table 3.
Input capacitor CIN (if used), in conjunction with RIN, forms a high-pass filter that removes the DC bias from an incom-
ing signal. The AC coupling capacitor allows the amplifier to bias the signal to an optimum DC level. Assuming zero-
source impedance, the -3dB point of the high-pass filter is given by:
Setting f-3dB too high affects the low-frequency response of the amplifier. Capacitors with dielectrics that have low-volt-
age coefficients such as tantalum or aluminum electrolytic should be used, since capacitors with high-voltage coeffi-
cients, such as ceramics, can increase distortion at low frequencies.
7.4.3 BIAS Capacitor
BIAS is the output of the internally generated VCC/2 bias voltage. The BIAS bypass capacitor, CBIAS, improves PSRR
and THD+N by reducing power supply noise and other noise sources at the common-mode bias node, and also gener-
ates the click- and pop-less DC bias waveform for the amplifiers. Bypass BIAS with a 0.1µF capacitor to GND. Larger
values of CBIAS (up to 1µF) improve PSRR, but increase tON/tOFF times. For example, a 1µF CBIAS capacitor increases
tON/tOFF by 10 and improves PSRR by 20dB (at 1kHz).
Note: Do not connect external loads to BIAS.
7.4.4 Supply Bypassing
Proper power supply bypassing – connect a 10µF ceramic capacitor (CBIAS) from VCC to GND – will ensure low-noise,
low-distortion performance of the device. Additional bulk capacitance can be added as required.
Note: Place CBIAS as close to the device as possible.
7.5 Layout and Grounding Considerations
Well designed PC board layout is essential for optimizing device performance. Use large traces for the power supply
inputs and amplifier outputs to minimize losses due to parasitic trace resistance and route heat away from the device.
Good grounding improves audio performance and prevents digital switching noise from coupling onto the audio signal.
f-3dB =
(EQ 8)
1
2
πRINCIN


Similar Part No. - AS1703

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1703 AMSCO-AS1703 Datasheet
439Kb / 20P
   1.8W Single-Channel Audio Power Amplifiers
AS1703-T AMSCO-AS1703-T Datasheet
439Kb / 20P
   1.8W Single-Channel Audio Power Amplifiers
AS1703V-T AMSCO-AS1703V-T Datasheet
439Kb / 20P
   1.8W Single-Channel Audio Power Amplifiers
More results

Similar Description - AS1703

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
   1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
   1.6W Audio Power Amplifiers
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
STMicroelectronics
TDA7231A STMICROELECTRONICS-TDA7231A Datasheet
67Kb / 5P
   1.6W AUDIO AMPLIFIER
logo
ams AG
AS1702 AMSCO-AS1702_1 Datasheet
439Kb / 20P
   1.8W Single-Channel Audio Power Amplifiers
logo
STMicroelectronics
TDA7235 STMICROELECTRONICS-TDA7235 Datasheet
41Kb / 5P
   1.6W AUDIO AMPLIFIER
logo
NEC
UPC1181H NEC-UPC1181H Datasheet
58Kb / 1P
   Audio Power Amplifiers (Continued)
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003_08 Datasheet
287Kb / 9P
   Amplifier, Power, 1.6W,7.7.11.7 GHz
logo
Hitachi Semiconductor
HA1377 HITACHI-HA1377 Datasheet
268Kb / 4P
   Dual 5.8W Audio Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com