Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1703 Datasheet(PDF) 6 Page - ams AG

Part # AS1703
Description  1.6W Single-Channel Audio Power Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1703 Datasheet(HTML) 6 Page - ams AG

Back Button AS1703 Datasheet HTML 2Page - ams AG AS1703 Datasheet HTML 3Page - ams AG AS1703 Datasheet HTML 4Page - ams AG AS1703 Datasheet HTML 5Page - ams AG AS1703 Datasheet HTML 6Page - ams AG AS1703 Datasheet HTML 7Page - ams AG AS1703 Datasheet HTML 8Page - ams AG AS1703 Datasheet HTML 9Page - ams AG AS1703 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.austriamicrosystems.com
Revision 1.01
6 - 13
AS1702, AS1703, AS1704, AS1705
austriamicrosystems
Data Sheet
7 Application Information
Figure 2. AS1702 Typical Application Diagram
Figure 3. AS1703, AS1704, AS1705 Typical Application Diagram
AV = 2
Bias
Generator
OUT+
AS1702
Shutdown
Control
+
OUT-
GND
SHDM
SHDN
BIAS
IN+
IN-
VCC
RIN
10k
2.7 to 5.5V
Supply
Inverting Differential
Input
Non-Inverting Differential
Input
10µF
CIN*
10µF
* Optional
CBIAS
0.1µF
RIN
10k
RF
20k
RF
20k
CIN*
10µF
Bias
Generator
OUT+
AS1703
AS1704
AS1705
Shutdown
Control
+
OUT-
GND
SHDM
SHDN
BIAS
IN+
IN-
VCC
R2
R2
R1
R1
2.7 to 5.5V
Supply
Inverting Differential
Input
Non-Inverting Differential
Input
10µF
* Optional
CBIAS
0.1µF
AV = 1
AV = 1.41
AV = 2
CIN*
10µF
CIN*
10µF


Similar Part No. - AS1703

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1703 AMSCO-AS1703 Datasheet
439Kb / 20P
   1.8W Single-Channel Audio Power Amplifiers
AS1703-T AMSCO-AS1703-T Datasheet
439Kb / 20P
   1.8W Single-Channel Audio Power Amplifiers
AS1703V-T AMSCO-AS1703V-T Datasheet
439Kb / 20P
   1.8W Single-Channel Audio Power Amplifiers
More results

Similar Description - AS1703

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
   1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
   1.6W Audio Power Amplifiers
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
STMicroelectronics
TDA7231A STMICROELECTRONICS-TDA7231A Datasheet
67Kb / 5P
   1.6W AUDIO AMPLIFIER
logo
ams AG
AS1702 AMSCO-AS1702_1 Datasheet
439Kb / 20P
   1.8W Single-Channel Audio Power Amplifiers
logo
STMicroelectronics
TDA7235 STMICROELECTRONICS-TDA7235 Datasheet
41Kb / 5P
   1.6W AUDIO AMPLIFIER
logo
NEC
UPC1181H NEC-UPC1181H Datasheet
58Kb / 1P
   Audio Power Amplifiers (Continued)
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003_08 Datasheet
287Kb / 9P
   Amplifier, Power, 1.6W,7.7.11.7 GHz
logo
Hitachi Semiconductor
HA1377 HITACHI-HA1377 Datasheet
268Kb / 4P
   Dual 5.8W Audio Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com