Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29DL322GT70 Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM29DL322GT70
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL322GT70 Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM29DL322GT70 Datasheet HTML 19Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 20Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 21Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 22Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 23Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 24Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 25Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 26Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
February 9, 2005
Am29DL32xG
21
DA TA SH EET
SecSiTM (Secured Silicon) Sector
Flash Memory Region
The SecSi (Secured Silicon) Sector feature provides a
256-byte Flash memory region that enables perma-
nent part identification through an Electronic Serial
Number (ESN). The SecSi Sector uses a SecSi Sector
Indicator Bit (DQ7) to indicate whether or not the
SecSi Sector is locked when shipped from the factory.
This bit is permanently set at the factory and cannot
be changed, which prevents cloning of a factory
locked part. This ensures the security of the ESN once
the product is shipped to the field.
AMD offers the device with the SecSi Sector either
fa cto r y locked or c u stomer lock able. The fa c-
tory-locked version is always protected when shipped
from the factory, and has the SecSi (Secured Silicon)
Sector Indicator Bit permanently set to a “1.” The cus-
tomer-lockable version is shipped with the SecSi Sec-
tor unprotected, allowing customers to utilize the that
sector in any manner they choose. The customer-lock-
able version has the SecSi (Secured Silicon) Sector
Indicator Bit permanently set to a “0.” Thus, the SecSi
Sector Indicator Bit prevents customer-lockable de-
vices from being used to replace devices that are fac-
tory locked.
The system accesses the SecSi Sector through a
command sequence (see “Enter SecSi
TM Sector/Exit
SecSi Sector Command Sequence”). After the system
has written the Enter SecSi Sector command se-
quence, it may read the SecSi Sector by using the ad-
dresses normally occupied by the boot sectors. This
mode of operation continues until the system issues
the Exit SecSi Sector command sequence, or until
power is removed from the device. On power-up, or
following a hardware reset, the device reverts to send-
ing commands to the boot sectors.
Factory Locked: SecSi Sector Programmed and
Protected At the Factory
In a factory locked device, the SecSi Sector is pro-
tected when the device is shipped from the factory.
The SecSi Sector cannot be modified in any way. The
device is available preprogrammed with one of the fol-
lowing:
■ A random, secure ESN only
■ Customer code through the ExpressFlash service
■ Both a random, secure ESN and customer code
through the ExpressFlash service.
In devices that have an ESN, a Bottom Boot device
will ha v e the 16-b y te ESN at addresses
000000h–0 00007h
in
w o rd
mode
(or
000000h–00000Fh in byte mode). In the Top Boot de-
vice
the
ESN
will
be
at
addresses
1FF000h–1FF007Fh in word mode (or addresses
3FE000h–3FE0FFh in byte mode).
Customers may opt to have their code programmed by
AMD through the AMD ExpressFlash service. AMD
programs the customer’s code, with or without the ran-
dom ESN. The devices are then shipped from AMD’s
factory with the SecSi Sector permanently locked.
Contact an AMD representative for details on using
AMD’s ExpressFlash service.
Customer Lockable: SecSi Sector NOT
Programmed or Protected At the Factory
If the security feature is not required, the SecSi Sector
can be treated as an additional 256-byte Flash mem-
ory space, expanding the size of the available Flash
array. Additionally, note the difference in the loca-
tion of the ESN compared to previous Am29DL32x
top boot factory locked devices. The SecSi Sector
is one-time programmable, may not be erased, and
can be locked only once. Note that the accelerated
programming (ACC) and unlock bypass functions are
not available when programming the SecSi Sector.
The SecSi Sector area can be protected using one of
the following procedures:
■ Write the three-cycle Enter SecSi Sector Region
command sequence, and then follow the in-system
sector protect algorithm as shown in Figure 2, ex-
cept that RESET# may be at either VIH or VID. This
allows in-system protection of the SecSi Sector
without raising any device pin to a high voltage.
Note that this method is only applicable to the SecSi
Sector
■ Write the three-cycle Enter SecSi Sector Region
command sequence, and then use the alternate
method of sector protection described in the “Sec-
tor/Sector Block Protection and Unprotection” sec-
tion.
The SecSi Sector is one-time programmable. Once
the SecSi Sector is locked and verified, the system
must write the Exit SecSi Sector Region command se-
quence to return to reading and writing the remainder
of the array.
The SecSi Sector protection must be used with cau-
tion since, once protected, there is no procedure avail-
able for unprotecting the SecSi Sector area and none
of the bits in the SecSi Sector memory space can be
modified in any way.
Hardware Data Protection
The command sequence requirement of unlock cycles
for programming or erasing provides data protection
against inadvertent writes (refer to Table 14 for com-
mand definitions). In addition, the following hardware
data protection measures prevent accidental erasure
or programming, which might otherwise be caused by


Similar Part No. - AM29DL322GT70

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29DL322GT70EF SPANSION-AM29DL322GT70EF Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322GT70EI SPANSION-AM29DL322GT70EI Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322GT70EIN SPANSION-AM29DL322GT70EIN Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322GT70WMF SPANSION-AM29DL322GT70WMF Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322GT70WMI SPANSION-AM29DL322GT70WMI Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

Similar Description - AM29DL322GT70

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D_05 Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DS32XG SPANSION-AM29DS32XG Datasheet
1,003Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DS323D AMD-AM29DS323D Datasheet
1,013Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DS320G SPANSION-AM29DS320G Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DS323D AMD-AM29DS323D_06 Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com