Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29DL322GT70 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29DL322GT70
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL322GT70 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29DL322GT70 Datasheet HTML 8Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 9Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 10Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 11Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 12Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 13Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 14Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 15Page - Advanced Micro Devices AM29DL322GT70 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
10
Am29DL32xG
February 9, 2005
D A TA SH EET
DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is a latch used to store the com-
mands, along with the address and data information
needed to execute the command. The contents of the
register serve as inputs to the internal state machine.
The state machine outputs dictate the function of the
device. Table 1 lists the device bus operations, the in-
puts and control levels they require, and the resulting
output. The following subsections describe each of
these operations in further detail.
Table 1.
Device Bus Operations
Legend: L = Logic Low = V
IL, H = Logic High = VIH, VID = 8.5–12.5 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SA = Sector Address,
A
IN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are A20:A0 in word mode (BYTE# = V
IH), A20:A-1 in byte mode (BYTE# = VIL).
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector/Sector
Block Protection and Unprotection” section.
3. If WP#/ACC = V
IL, the two outermost boot sectors remain protected. If WP#/ACC = VIH, the two outermost boot sector
protection depends on whether they were last protected or unprotected using the method described in “Sector/Sector Block
Protection and Unprotection”. If WP#/ACC = V
HH, all sectors will be unprotected.
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O
pins operate in the byte or word configuration. If the
BYTE# pin is set at logic ‘1’, the device is in word con-
figuration, DQ0–DQ15 are active and controlled by
CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte
configuration, and only data I/O pins DQ7–DQ0 are
active and controlled by CE# and OE#. The data I/O
pins DQ8–DQ14 are tri-stated, and the DQ15 pin is
used as an input for the LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output con-
trol and gates array data to the output pins. WE#
should remain at VIH. The BYTE# pin determines
whether the device outputs array data in words or
bytes.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No com-
mand is necessary in this mode to obtain array data.
Standard microprocessor read cycles that assert valid
addresses on the device address inputs produce valid
Operation
CE#
OE#
WE#
RESET#
WP#/ACC
Addresses
(Note 2)
DQ15–DQ8
DQ7–
DQ0
BYTE#
= V
IH
BYTE#
= V
IL
Read
L
L
H
H
L/H
A
IN
D
OUT
DQ8–DQ14 =
High-Z, DQ15 = A-1
D
OUT
Write
L
H
L
H
(Note 3)
A
IN
D
IN
D
IN
Standby
V
CC ±
0.3 V
XX
V
CC ±
0.3 V
H
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
L/H
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
L/H
X
High-Z
High-Z
High-Z
Sector Protect (Note 2)
L
H
L
V
ID
L/H
SA, A6 = L,
A1 = H, A0 = L
XX
D
IN
Sector Unprotect (Note 2)
L
H
L
V
ID
(Note 3)
SA, A6 = H,
A1 = H, A0 = L
XX
D
IN
Temporary Sector
Unprotect
XX
X
V
ID
(Note 3)
A
IN
D
IN
High-Z
D
IN


Similar Part No. - AM29DL322GT70

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29DL322GT70EF SPANSION-AM29DL322GT70EF Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322GT70EI SPANSION-AM29DL322GT70EI Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322GT70EIN SPANSION-AM29DL322GT70EIN Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322GT70WMF SPANSION-AM29DL322GT70WMF Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322GT70WMI SPANSION-AM29DL322GT70WMI Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

Similar Description - AM29DL322GT70

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D_05 Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DS32XG SPANSION-AM29DS32XG Datasheet
1,003Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DS323D AMD-AM29DS323D Datasheet
1,013Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DS320G SPANSION-AM29DS320G Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DS323D AMD-AM29DS323D_06 Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com