Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX16A474M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CX16A474M
Description  Subminiature, Leaded Solid Tantalum Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CX16A474M Datasheet(HTML) 2 Page - Vishay Siliconix

  CX16A474M Datasheet HTML 1Page - Vishay Siliconix CX16A474M Datasheet HTML 2Page - Vishay Siliconix CX16A474M Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 43018
Revision 17-Apr-02
www.vishay.com
58
CX16
Vishay Sprague
For technical questions, contact tantalum@vishay.com
STANDARD RATINGS
2 WVDC @ + 85
°C
0.47
10
0.5
A
CX16A474-*
2.2
10
0.5
B
CX16A225-*
10
10
0.5
C
CX16A106-*
3 WVDC @ + 85
°C
1.5
10
0.5
B
CX16B155-*
6.8
10
0.5
C
CX16B685-*
22
10
1
D
CX16B226-*
220
15
9
G
CX16B227-*
4 WVDC @ + 85
°C
0.33
10
0.5
A
CX16C334-*
18
0.5
B
CX16C105-*
4.7
8
0.5
C
CX16C475-*
15
8
1
D
CX16C156-*
47
8
2
E
CX16C476-*
68
8
3
F
CX16C686-*
6 WVDC @ + 85
°C
0.22
10
0.5
A
CX16D224-*
0.68
6
0.5
B
CX16D684-*
3.3
6
0.5
C
CX16D335-*
10
6
1
D
CX16D106-*
33
6
2
E
CX16D336-*
47
6
3
F
CX16D476-*
150
10
9
G
CX16D157-*
10 WVDC @ + 85
°C
0.15
10
0.5
A
CX16F154-*
0.47
6
0.5
B
CX16F474-*
2.2
6
0.5
C
CX16F225-*
6.8
6
1
D
CX16F685-*
22
6
2
E
CX16F226-*
33
6
3
F
CX16F336-*
100
8
9
G
CX16F107-*
15 WVDC @ + 85
°C
0.10
10
0.5
A
CX16H104-*
0.33
6
0.5
B
CX16H334-*
1.5
6
0.5
C
CX16H155-*
15
6
2
E
CX16H156-*
22
6
3
F
CX16H226-*
68
8
9
G
CX16H686-*
CAPACITANCE
MAX
MAX. DCL
CASE
PART NUMBER
(
µF)
DF (%)
@ + 25
°C (µA)
CODE
*Add suffix to indicate capacitance tolerance K = ± 10% or M = ± 20%
Subminiature, Leaded Solid Tantalum Capacitors


Similar Part No. - CX16A474M

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX16 EUROQUARTZ-CX16 Datasheet
126Kb / 1P
   Ultra-miniature SMD design, 2.0 x 1.2 x 0.4mm
logo
STATEK CORPORATION
CX16 STATEK-CX16 Datasheet
189Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
logo
IQD Frequency Products ...
CX16-AT IQD-CX16-AT Datasheet
112Kb / 2P
   Quartz Crystal Specification
logo
Kyocera Kinseki Corpota...
CX1612DB KSS-CX1612DB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX1612DB36000B0GEJ KSS-CX1612DB36000B0GEJ Datasheet
66Kb / 1P
   Crystal units surface mount type
More results

Similar Description - CX16A474M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
STC VISHAY-STC Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
HA10-15C9RM VISHAY-HA10-15C9RM Datasheet
98Kb / 8P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 26-Aug-14
HA10-2N4RM VISHAY-HA10-2N4RM Datasheet
380Kb / 9P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 05-Dec-07
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com