Selected language     English  ā–¼


AM29DL322GT120 Datasheet(PDF) 3 Page - Advanced Micro Devices

Part No. AM29DL322GT120
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMD [Advanced Micro Devices]
Homepage  http://www.amd.com
Logo 

 
 3 page
background image
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 25686
Rev: B Amendment/8
Issue Date: February 9, 2005
Refer to AMDā€™s Website (www.amd.com) for the latest information.
Am29DL32xG
32 Megabit (4 M x 8-Bit/2 M x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
ā–  Simultaneous Read/Write operations
ā€” Data can be continuously read from one bank while
executing erase/program functions in other bank
ā€” Zero latency between read and write operations
ā–  Multiple bank architectures
ā€” Three devices available with different bank sizes
(refer to Table 3)
ā–  256-byte SecSiā„¢ (Secured Silicon) Sector
ā€” Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number;
verifiable as factory locked through autoselect
function. ExpressFlash option allows entire sector to
be available for factory-secured data
ā€” Customer lockable: One time programmable. Once
locked, data cannot be changed.
ā–  Zero Power Operation
ā€” Sophisticated power management circuits reduce
power consumed during inactive periods to nearly
zero
ā–  Package options
ā€”63-ball FBGA
ā€”48-ball FBGA
ā€” 48-pin TSOP
ā€” 64-ball Fortified BGA
ā–  Top or bottom boot block
ā–  Manufactured on 0.17 Āµm process technology
ā–  Compatible with JEDEC standards
ā€” Pinout and software compatible with
single-power-supply flash standard
PERFORMANCE CHARACTERISTICS
ā–  High performance
ā€” Access time as fast 70 ns
ā€” Program time: 4 Āµs/word typical utilizing Accelerate
function
ā–  Ultra low power consumption (typical values)
ā€” 2 mA active read current at 1 MHz
ā€” 10 mA active read current at 5 MHz
ā€” 200 nA in standby or automatic sleep mode
ā–  Minimum 1 million erase cycles guaranteed per
sector
ā–  20 year data retention at 125Ā°C
ā€” Reliable operation for the life of the system
SOFTWARE FEATURES
ā–  Data Management Software (DMS)
ā€” AMD-supplied software manages data programming,
enabling EEPROM emulation
ā€” Eases historical sector erase flash limitations
ā–  Supports Common Flash Memory Interface (CFI)
ā–  Erase Suspend/Erase Resume
ā€” Suspends erase operations to allow programming in
same bank
ā–  Data# Polling and Toggle Bits
ā€” Provides a software method of detecting the status of
program or erase cycles
ā–  Unlock Bypass Program command
ā€” Reduces overall programming time when issuing
multiple program command sequences
HARDWARE FEATURES
ā–  Any combination of sectors can be erased
ā–  Ready/Busy# output (RY/BY#)
ā€” Hardware method for detecting program or erase
cycle completion
ā–  Hardware reset pin (RESET#)
ā€” Hardware method of resetting the internal state
machine to the read mode
ā–  WP#/ACC input pin
ā€” Write protect (WP#) function allows protection of two
outermost boot sectors, regardless of sector protect
status
ā€” Acceleration (ACC) function accelerates program
timing
ā–  Sector protection
ā€” Hardware method of locking a sector, either
in-system or using programming equipment, to
prevent any program or erase operation within that
sector
ā€” Temporary Sector Unprotect allows changing data in
protected sectors in-system
For new designs involving TSOP packages, S29JL032H supersedes Am29DL32xG and is the factory recom-
mended migration path. Please refer to the S29JL032H Datasheet for specifications and ordering information.
For new designs involving Fine-pitch BGA (FBGA) packages, S29PL032J supersedes Am29DL32xG and is the
factory-recommended migration path. Please refer to the S29PL032J Datasheet for specifications and ordering
information.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
A29DL16X16 Megabit 2M x 8-Bit/1M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAMIC Technology
AM29DL16XD16 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL322D32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
A29DL32X32 Megabit 4M x 8-Bit/2M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAMIC Technology
AM29DL400B4 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL800B8 Megabit 1 M x 8-Bit/512 K x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL16XC16 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL128G128 Megabit 8 M x 16-Bit/4 M x 32-Bit CMOS 3.0 Volt-only Simultaneous Read/ Write Flash Memory with VersatileIO Control 1 2 3 4 5 MoreSPANSION
AM29PDLI27H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 1 2 3 4 5 MoreSPANSION
AM29PDL640G64 Megabit 4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 1 2 3 4 5 MoreSPANSION

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl