Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN12816D-70I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HMN12816D-70I
Description  Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HMN12816D-70I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HMN12816D-70I Datasheet HTML 1Page - List of Unclassifed Manufacturers HMN12816D-70I Datasheet HTML 2Page - List of Unclassifed Manufacturers HMN12816D-70I Datasheet HTML 3Page - List of Unclassifed Manufacturers HMN12816D-70I Datasheet HTML 4Page - List of Unclassifed Manufacturers HMN12816D-70I Datasheet HTML 5Page - List of Unclassifed Manufacturers HMN12816D-70I Datasheet HTML 6Page - List of Unclassifed Manufacturers HMN12816D-70I Datasheet HTML 7Page - List of Unclassifed Manufacturers HMN12816D-70I Datasheet HTML 8Page - List of Unclassifed Manufacturers HMN12816D-70I Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HANBit
HMN12816D
URL : www.hbe.co.kr
1
HANBit Electronics Co.,Ltd
Rev. 0.0 (April, 2002)
GENERAL DESCRIPTION
The HMN12816D 128K x 16 nonvolatile SRAM’s are 2,097,152-bit fully static, nonvolatile SRAM’s, organized as
131,072 words by 16 bits. Each NVSRAM has a self contained lithium energy source and control circuitry which
constantly monitors Vcc for an out-of-tolerance condition. When such a condition occurs, the lithium energy source is
automatically switched on and write protection is unconditionally enabled to prevent data corruption. DIP-package
HMN12816D devices can be used in place of solutions which build nonvolatile 128Kx16 memory by utilizing a
variety of discrete components. There is no limit on the number of write cycles that can be executed and no additional
support circuitry is required for microprocessor interfacing.
The HMN12816D uses extremely low standby current CMOS SRAM’s, coupled with small lithium coin cells to provide non-
volatility without long write-cycle times and the write-cycle limitations associated with EEPROM.
FEATURES
w
Access time : 70, 85, 120, 150ns
w
High-density design : 256KByte Design
w
Battery internally isolated until power is applied
w
Industry-standard 40-pin 128K x 16 pinout
w
Unlimited write cycles
w
Data retention in the absence of VCC
w
10-years minimum data retention in absence of power
w
Automatic write-protection during power-up/power-down
cycles
w
Data is automatically protected during power loss
w
Conventional SRAM operation; unlimited write cycles
OPTIONS
MARKING
w
Timing
70 ns
- 70
85 ns
- 85
120 ns
-120
150 ns
-150
PIN ASSIGNMENT
1
40
12
29
14
27
15
26
10
31
11
30
13
28
2
39
3
38
4
37
6
35
9
32
7
34
5
36
8
33
16
25
/CEU
/CEL
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
Vss
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
/OE
40-pin Encapsulated Package
Vcc
/WE
A16
A15
A14
A13
A12
A11
A10
A9
Vss
A8
A7
A6
A5
A4
A3
A2
A1
A0
17
24
18
23
19
22
20
21
Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
Part No. HMN12816D


Similar Part No. - HMN12816D-70I

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN12816D-70I HANBIT-HMN12816D-70I Datasheet
147Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
More results

Similar Description - HMN12816D-70I

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN12816D HANBIT-HMN12816D Datasheet
147Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN4M8D HANBIT-HMN4M8D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN4M8DE DLGHANBIT-HMN4M8DE Datasheet
584Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN2M8DE DLGHANBIT-HMN2M8DE Datasheet
571Kb / 7P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN2M8DVB DLGHANBIT-HMN2M8DVB Datasheet
548Kb / 7P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com