Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPL1117-50G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HPL1117-50G
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HPL1117-50G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HPL1117-50G Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 5Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 6Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 7Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 8Page - List of Unclassifed Manufacturers HPL1117-50G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Rev. B.13 - Mar., 2004
HPL1117
1
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed
1.8V, 2.5V, 2.85V, 3.3V and 5V
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
••••• Guaranteed Output Voltage Accuracy within 2%
••••• Fast Transient Response
••••• Guaranteed Dropout Voltage at Multiple
Currents
••••• Load Regulation : 0.1% Typ.
••••• Line Regulation : 0.03% Typ.
••••• Low Dropout Voltage : 1.1V Typ. at I
OUT =1A
••••• Current Limit : 1A Typ. at T
J=25°C
••••• On-Chip Thermal Limiting : 150°C Typ.
••••• Adjustable Output : 1.25~10.7V
••••• Standard 3-pin TO-220, TO-252, TO-263 and
SOT-223 Power Packages
Features
Applications
••••• Active SCSI Terminators
••••• Low Voltage Logic Supplies
••••• Post Regulator for Switching Power Supply
General Description
The HPL1117 is a low dropout three-terminal adjust-
able regulators with 1A output current capability. In
order to obtain lower dropout voltage and faster tran-
sient response, which is critical for low voltage ap-
plications , the HPL1117 has been optimized. The
device is available in an adjustable version and fixed
output voltages of 1.8V, 2.5V, 2.85V, 3.3V and 5V.
The output available voltage range of an adjustable
version is from 1.25~10.7V with an input supply be-
low 12V. Dropout voltage is guaranteed at a maxi-
mum of 1.3V at 1A. Current limit is trimmed to ensure
specified output current and controlled short-circuit
current. On-chip thermal limiting provides protection
against any combination of overload that would cre-
ate excessive junction temperatures. The HPL1117
is available in the industry standard 3-pin TO-220, TO-
252, TO-263, and the low profile surface mount SOT-
223 power packages which can be used in applica-
tions where space is limited.
Pin Description
Front View for TO-252
TAB IS V
OUT
1
2
3
V
IN
V
OUT
ADJ/GND
Front View for TO-263
1
2
3
V
IN
V
OUT
ADJ/GND
TAB is V
OUT
Front View for TO-220
1
2
3
V
IN
V
OUT
ADJ/GND


Similar Part No. - HPL1117-50G

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HPL11PT CHENMKO-HPL11PT Datasheet
159Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HPL1117-50G

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com