Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4892MM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4892MM
Description  1 Watt Audio Power Amplifier with Headphone Sense
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4892MM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4892MM Datasheet HTML 3Page - National Semiconductor (TI) LM4892MM Datasheet HTML 4Page - National Semiconductor (TI) LM4892MM Datasheet HTML 5Page - National Semiconductor (TI) LM4892MM Datasheet HTML 6Page - National Semiconductor (TI) LM4892MM Datasheet HTML 7Page - National Semiconductor (TI) LM4892MM Datasheet HTML 8Page - National Semiconductor (TI) LM4892MM Datasheet HTML 9Page - National Semiconductor (TI) LM4892MM Datasheet HTML 10Page - National Semiconductor (TI) LM4892MM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Typical Performance Characteristics (Continued)
Power Supply Rejection Ratio (PSRR) vs Frequency
at V
DD = 2.6V, 8
Ω R
L
Power Supply Rejection Ratio (PSRR) vs Frequency
at V
DD = 3.3V, 8
Ω R
L
20012747
Input terminated with 10
Ω R
20012746
Input terminated with 10
Ω R
Power Dissipation vs
Output Power
V
DD = 3.3V
Power Dissipation vs
Output Power
V
DD =5V
20012749
20012748
Output Power vs
Load Resistance
Power Dissipation vs
Output Power
V
DD = 2.6V
20012751
20012750
www.national.com
7


Similar Part No. - LM4892MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4890 NSC-LM4890 Datasheet
1Mb / 31P
   1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4890 TI-LM4890 Datasheet
1Mb / 36P
[Old version datasheet]   1 Watt Audio Power Amplifier
LM48901 TI-LM48901 Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
LM48901RL TI-LM48901RL Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
LM48901RLX TI-LM48901RLX Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
More results

Similar Description - LM4892MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4890 TI-LM4890_15 Datasheet
1Mb / 36P
[Old version datasheet]   1 Watt Audio Power Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
   1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4904 NSC-LM4904 Datasheet
670Kb / 18P
   1 Watt Audio Power Amplifier
LM4907 NSC-LM4907 Datasheet
1Mb / 17P
   1 Watt Audio Power Amplifier
LM4905 NSC-LM4905 Datasheet
686Kb / 17P
   1 Watt Audio Power Amplifier
LM4890 NSC-LM4890 Datasheet
1Mb / 31P
   1 Watt Audio Power Amplifier
LM4903 NSC-LM4903 Datasheet
650Kb / 17P
   1 Watt Audio Power Amplifier
LM4891 NSC-LM4891 Datasheet
733Kb / 20P
   1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4889 TI-LM4889 Datasheet
1Mb / 27P
[Old version datasheet]   1 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com