Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD15VS2UQ Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD15VS2UQ
Description  Double ESD protection diodes in SOT663 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD15VS2UQ Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD15VS2UQ Datasheet HTML 2Page - NXP Semiconductors PESD15VS2UQ Datasheet HTML 3Page - NXP Semiconductors PESD15VS2UQ Datasheet HTML 4Page - NXP Semiconductors PESD15VS2UQ Datasheet HTML 5Page - NXP Semiconductors PESD15VS2UQ Datasheet HTML 6Page - NXP Semiconductors PESD15VS2UQ Datasheet HTML 7Page - NXP Semiconductors PESD15VS2UQ Datasheet HTML 8Page - NXP Semiconductors PESD15VS2UQ Datasheet HTML 9Page - NXP Semiconductors PESD15VS2UQ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2004 Apr 27
6
Philips Semiconductors
Product specification
Double ESD protection diodes
in SOT663 package
PESDxS2UQ series
Notes
1. Non-repetitive current pulse 8/20
µs exponential decay waveform; see Fig.2.
2. Measured either across pins 1 and 3 or pins 2 and 3.
Rdiff
differential resistance
PESD3V3S2UQ
IR =5mA
−−
40
PESD5V0S2UQ
IR =5mA
−−
15
PESD12VS2UQ
IR =5mA
−−
15
PESD15VS2UQ
IR =1mA
−−
225
PESD24VS2UQ
IR = 0.5 mA
−−
300
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
GRAPHICAL DATA
tp (µs)
1103
102
10
001aaa726
103
102
104
Ppp
(W)
10
Fig.4
Peak pulse power dissipation as a function
of pulse time; typical values.
Tamb =25 °C.
tp = 8/20 µs exponential decaying waveform; see Fig.2.
Tj (°C)
0
200
150
50
100
001aaa193
0.4
0.8
1.2
Ppp
0
Ppp(25˚C)
Fig.5
Relative variation of peak pulse power as a
function of junction temperature; typical
values.


Similar Part No. - PESD15VS2UQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VS2UQ NXP-PESD15VS2UQ Datasheet
304Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 03-11 September 2008
PESD15VS2UQ NXP-PESD15VS2UQ Datasheet
171Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04-26 January 2010
logo
Nexperia B.V. All right...
PESD15VS2UQ NEXPERIA-PESD15VS2UQ Datasheet
675Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04 - 26 January 2010
More results

Similar Description - PESD15VS2UQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS2UQ NXP-PESDXS2UQ_10 Datasheet
171Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04-26 January 2010
logo
Nexperia B.V. All right...
PESDXS2UQ_SER NEXPERIA-PESDXS2UQ_SER Datasheet
675Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04 - 26 January 2010
logo
NXP Semiconductors
PESDXS2UQ NXP-PESDXS2UQ Datasheet
304Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 03-11 September 2008
PESDXS2UAT NXP-PESDXS2UAT Datasheet
237Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESDXS2UT_SER NEXPERIA-PESDXS2UT_SER Datasheet
250Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
NXP Semiconductors
PESDXS2UAT PHILIPS-PESDXS2UAT Datasheet
122Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
Nexperia B.V. All right...
PESDXS2UAT_SER NEXPERIA-PESDXS2UAT_SER Datasheet
241Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
NXP Semiconductors
PESDXS2UT PHILIPS-PESDXS2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD3V3S2UT-215 PHILIPS-PESD3V3S2UT-215 Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com