Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLEV900 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SLEV900
Description  I-CODE Evaluation kit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLEV900 Datasheet(HTML) 5 Page - NXP Semiconductors

  SLEV900 Datasheet HTML 1Page - NXP Semiconductors SLEV900 Datasheet HTML 2Page - NXP Semiconductors SLEV900 Datasheet HTML 3Page - NXP Semiconductors SLEV900 Datasheet HTML 4Page - NXP Semiconductors SLEV900 Datasheet HTML 5Page - NXP Semiconductors SLEV900 Datasheet HTML 6Page - NXP Semiconductors SLEV900 Datasheet HTML 7Page - NXP Semiconductors SLEV900 Datasheet HTML 8Page - NXP Semiconductors SLEV900 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2002 May 23
5
Philips Semiconductors
Product specification
I-CODE Evaluation kit
SLEV900
6.2.2
CONTENTS OF DISKS
The serial PC library crm_s32.dll is not part of the SLEV900, but is supplied by Philips as a design tool that is free of
charge and without any warranties.
DISK
PROGRAM
DESCRIPTION
Disk 1
SETUP.EXE
installation program of WIN demo ICODE.EXE
Disk 2
SETUP.W02
second part of installation program
Disk 3
DOS_SW3.ZIP
DOS demo CRMTEST3.EXE
VC6SOURCE.ZIP
visual C++ 6.0 source codes of WIN demo ICODE.EXE
6.2.3
SOFTWARE INSTALLATION
The I-CODE demonstration software works with
Windows 95, Windows 98, and Windows NT 4.0.
Insert disk 1, start the SETUP.EXE program and follow the
instructions.
If you want to change the COM port after the software
installation, open the file ICODE.INI, in the directory where
you have installed the software, with a text editor and
modify the line COM = COMx (x = 1 or 2).
The baud rate of the reader is set to 57.6 kbaud as default.
6.2.4
RESTRICTIONS OF WINDOWS I-CODE DEMO
SOFTWARE
The Windows Demo Software of the I-code Evaluation Kit
does not allow the changing of Block 2 (Write Access
Conditions) and of the QUIET bits in Block 3. The use of
Family Codes and/or Application Identifiers is not
supported.
7
SOFTWARE DESCRIPTION
The demonstration software shows the basic features of
the I-CODE system. To start the program double click the
I-CODE demo icon.
7.1
Main screen
The main screen allows the user to set up some
parameters (see Table 1) and to start all supported
commands; see the buttons in the dialogue box shown in
Fig.2.
Fig.2 Main screen of demonstration software.
Table 1
Parameters in the main screen of the demonstration software
To start a command click the corresponding button in the dialogue box or press the Alt-key and the underlined character.
To exit a command, first click the Stop-button and then the Exit-button.
PARAMETER
DESCRIPTION
EXAMPLE
1st block
first block in the user memory with which you want to start the access; the first
block in the user memory is block 4
4
# of blocks
number of blocks starting with the 1st block you want to access
4
# of labels
maximum number of labels that will be in the antenna field
8
Enable FastMode
if you click at this button the I-CODE reader works in fast mode


Similar Part No. - SLEV900

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SLEVK1000B SILABS-SLEVK1000B Datasheet
655Kb / 13P
   UG411: EFP0111 Evaluation Kit
Rev. 1.1
More results

Similar Description - SLEV900

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com