Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM205NR04 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMM205NR04
Description  Dual Channel Supply Voltage Marginer and Active DC Output Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM205NR04 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMM205NR04 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM205NR04 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM205NR04 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM205NR04 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM205NR04 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM205NR04 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM205NR04 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM205NR04 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM205NR04 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SMM205
Preliminary Information
Summit Microelectronics, Inc
2069 1.4 6/23/03
10
Figure 6 – SMM205 Applications schematic. The accuracy of the external (U4) or internal reference sets the
accuracy of the ADOC function. Total accuracy with a ±0.1% external reference is ±0.2% and ±0.5% with the
internal reference. The 12V supply can go as low as 8V if the internal regulator is set to 3.6V.
APPLICATIONS INFORMATION (CONTINUED)


Similar Part No. - SMM205NR04

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SMM20 BEL-SMM20 Datasheet
365Kb / 2P
   Square Ceramic Surface Mount Medium Blow Fuse
SMM20 BEL-SMM20 Datasheet
1Mb / 4P
   Type SMM
logo
List of Unclassifed Man...
SMM20N50 ETC1-SMM20N50 Datasheet
409Kb / 4P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
SMM20P10 ETC1-SMM20P10 Datasheet
180Kb / 4P
   P-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results

Similar Description - SMM205NR04

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM105 SUMMIT-SMM105 Datasheet
379Kb / 21P
   Single-Channel Supply Voltage Marginer and Active DC Output Controller
SMM605 SUMMIT-SMM605 Datasheet
899Kb / 23P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM605 SUMMIT-SMM605_11 Datasheet
366Kb / 24P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com