Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W305BHH Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # W305BHH
Description  Frequency Controller with System Recovery for Intel Integrated Core Logic
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W305BHH Datasheet(HTML) 5 Page - Cypress Semiconductor

  W305BHH Datasheet HTML 1Page - Cypress Semiconductor W305BHH Datasheet HTML 2Page - Cypress Semiconductor W305BHH Datasheet HTML 3Page - Cypress Semiconductor W305BHH Datasheet HTML 4Page - Cypress Semiconductor W305BHH Datasheet HTML 5Page - Cypress Semiconductor W305BHH Datasheet HTML 6Page - Cypress Semiconductor W305BHH Datasheet HTML 7Page - Cypress Semiconductor W305BHH Datasheet HTML 8Page - Cypress Semiconductor W305BHH Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
W305B
Document #: 38-07262 Rev. *B
Page 5 of 21
Serial Data Interface
The W305B features a two-pin, serial data interface that can
be used to configure internal register settings that control
particular device functions.
Data Protocol
The clock driver serial protocol supports byte/word write,
byte/word read, block write and block read operations from the
controller. For block write/read operation, the bytes must be
accessed in sequential order from lowest to highest byte with
the ability to stop after any complete byte has been trans-
ferred. For byte/word write and byte read operations, system
controller can access individual indexed byte. The offset of the
indexed byte is encoded in the command code.
The definition for the command code is given in Table 1.
CPU 133-MHz
SDRAM 133MHz
3V66 66-MHz
PCI 33-MHz
REF 14.318-MHz
USB 48-MHz
DOT 48-MHz
APIC 16.6-MHz
Cycle Repeat
0 ns
10 ns
20 ns
30 ns
40 ns
Figure 5. Group Offset Waveform (133-MHz CPU/133-MHz SDRAM)
Table 1. Command Code Definition
Bit
Descriptions
7
0 = Block read or block write operation
1 = Byte/Word read or byte/word write operation
6:0
Byte offset for byte/word read or write operation. For block read or write operations, these bits
need to be set at ‘0000000’.
Table 2. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1Start
1Start
2:8
Slave address – 7 bit
2:8
Slave address – 7 bit
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bit
‘00000000’ stands for block operation
11:18
Command Code – 8 bit
‘00000000’ stands for block operation
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte Count – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29:36
Data byte 0 – 8 bits
28
Read
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 1 – 8 bits
30:37
Byte count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge
...
Data Byte N/Slave Acknowledge...
39:46
Data byte from slave – 8 bits


Similar Part No. - W305BHH

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W305BHH SPECTRALINEAR-W305BHH Datasheet
182Kb / 20P
   Frequency Controller with System Recovery for Intel Integrated Core Logic
logo
Silicon Laboratories
W305BHH SILABS-W305BHH Datasheet
178Kb / 20P
   Frequency Controller with System Recovery for Intel짰 Integrated Core Logic
More results

Similar Description - W305BHH

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W305B SPECTRALINEAR-W305B Datasheet
182Kb / 20P
   Frequency Controller with System Recovery for Intel Integrated Core Logic
logo
Silicon Laboratories
W305B SILABS-W305B Datasheet
178Kb / 20P
   Frequency Controller with System Recovery for Intel짰 Integrated Core Logic
logo
Cypress Semiconductor
W147G CYPRESS-W147G Datasheet
140Kb / 12P
   Frequency Generator for Integrated Core Logic
W195B CYPRESS-W195B Datasheet
141Kb / 13P
   Frequency Generator for Integrated Core Logic
W48C111-16 CYPRESS-W48C111-16 Datasheet
115Kb / 7P
   Frequency Generator for Integrated Core Logic
logo
SpectraLinear Inc
W209C SPECTRALINEAR-W209C Datasheet
228Kb / 15P
   Frequency Generator for Integrated Core Logic with 133MHz FSB
W219B SPECTRALINEAR-W219B Datasheet
232Kb / 14P
   Frequency Generator for Integrated Core Logic with 133MHz FSB
logo
Cypress Semiconductor
W219B CYPRESS-W219B Datasheet
175Kb / 15P
   Frequency Generator for Integrated Core Logic with 133-MHz FSB
W209C CYPRESS-W209C Datasheet
179Kb / 16P
   Frequency Generator for Integrated Core Logic with 133-MHz FSB
W209CH CYPRESS-W209CH Datasheet
172Kb / 16P
   Frequency Generator for Integrated Core Logic with 133-MHz FSB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com