Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CD016G0JFAN001 Datasheet(PDF) 2 Page - SPANSION

Part # S29CD016G0JFAN001
Description  16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD016G0JFAN001 Datasheet(HTML) 2 Page - SPANSION

  S29CD016G0JFAN001 Datasheet HTML 1Page - SPANSION S29CD016G0JFAN001 Datasheet HTML 2Page - SPANSION S29CD016G0JFAN001 Datasheet HTML 3Page - SPANSION S29CD016G0JFAN001 Datasheet HTML 4Page - SPANSION S29CD016G0JFAN001 Datasheet HTML 5Page - SPANSION S29CD016G0JFAN001 Datasheet HTML 6Page - SPANSION S29CD016G0JFAN001 Datasheet HTML 7Page - SPANSION S29CD016G0JFAN001 Datasheet HTML 8Page - SPANSION S29CD016G0JFAN001 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
2S29CD016G
S29CD016_00_A4 November 5, 2004
Ad va n c e
In f o rm a t i o n
General Description
The S29CD016G is a 16 Megabit, 2.5 Volt-only single power supply burst mode
flash memory device. The device can be configured for 524,288 double words.
The device can also be programmed in standard EPROM programmers.
To eliminate bus contention, each device includes separate chip enable (CE#),
write enable (WE#), and output enable (OE#) controls. Additional control inputs
are required for synchronous burst operations: Load Burst Address Valid (ADV#),
and Clock (CLK).
Each device requires only a single 2.5 or 2.6 Volt power supply (2.5 V to 2.75
V) for both read and write functions. A 12.0-volt VPP is not required for program
or erase operations, although an acceleration pin is available if faster program-
ming performance is required.
The device is entirely command set compatible with the JEDEC single-power-
supply Flash standard. The software command set is compatible with the com-
mand sets of the 5 V Am29F and 3 V Am29LV Flash families. Commands are
written to the command register using standard microprocessor write timing.
Register contents serve as inputs to an internal state-machine that controls the
erase and programming circuitry. Write cycles also internally latch addresses and
data needed for the programming and erase operations. Reading data out of the
device is similar to reading from other Flash or EPROM devices.
The Unlock Bypass mode facilitates faster programming times by requiring only
two write cycles to program data instead of four.
The Simultaneous Read/Write architecture provides simultaneous operation
by dividing the memory space into two banks. The device can begin programming
or erasing in one bank, and then simultaneously read from the other bank, with
zero latency. This releases the system from waiting for the completion of program
or erase operations. See “Simultaneous Read/Write Operations Overview and Re-
strictions” on page 14.
The device provides a 256-byte SecSi™ (Secured Silicon) Sector with an one-
time-programmable (OTP) mechanism.
In addition, the device features several levels of sector protection, which can dis-
able both the program and erase operations in certain sectors or sector groups:
Persistent Sector Protection is a command sector protection method that re-
places the old 12 V controlled protection method; Password Sector Protection
is a highly sophisticated protection method that requires a password before
changes to certain sectors or sector groups are permitted; WP# Hardware Pro-
tection prevents program or erase in the two outermost 8 Kbytes sectors of the
larger bank.
The device defaults to the Persistent Sector Protection mode. The customer must
then choose if the Standard or Password Protection method is most desirable. The
WP# Hardware Protection feature is always available, independent of the other
protection method chosen.
The VersatileI/O™ (VCCQ) feature allows the output voltage generated on the
device to be determined based on the VIO level. This feature allows this device to
operate in the 1.8 V I/O environment, driving and receiving signals to and from
other 1.8 V devices on the same bus.
The host system can detect whether a program or erase operation is complete by
observing the RY/BY# pin, by reading the DQ7 (Data# Polling), or DQ6 (toggle)


Similar Part No. - S29CD016G0JFAN001

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016G0JFAA000 SPANSION-S29CD016G0JFAA000 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016G0JFAA002 SPANSION-S29CD016G0JFAA002 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016G0JFAA010 SPANSION-S29CD016G0JFAA010 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016G0JFAA012 SPANSION-S29CD016G0JFAA012 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016G0JFAA100 SPANSION-S29CD016G0JFAA100 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
More results

Similar Description - S29CD016G0JFAN001

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com