Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29JL032H90TFI021 Datasheet(PDF) 8 Page - SPANSION

Part # S29JL032H90TFI021
Description  32M BIT CMOS 3.0V FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29JL032H90TFI021 Datasheet(HTML) 8 Page - SPANSION

Back Button S29JL032H90TFI021 Datasheet HTML 4Page - SPANSION S29JL032H90TFI021 Datasheet HTML 5Page - SPANSION S29JL032H90TFI021 Datasheet HTML 6Page - SPANSION S29JL032H90TFI021 Datasheet HTML 7Page - SPANSION S29JL032H90TFI021 Datasheet HTML 8Page - SPANSION S29JL032H90TFI021 Datasheet HTML 9Page - SPANSION S29JL032H90TFI021 Datasheet HTML 10Page - SPANSION S29JL032H90TFI021 Datasheet HTML 11Page - SPANSION S29JL032H90TFI021 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
8
S29JL032H
S29JL032HA11 2005 年 3 月 9 日
A D VAN C E
INF O RMA T ION
製品ガイド
ブロック図
4 バンクタイプ
パーツ番号
S29JL032H
スピードバージョン
標準電源電圧範囲:
VCC = 3.0 ~ 3.6 V
60
標準電源電圧範囲:
VCC = 2.7 ~ 3.6 V
70
90
最大アクセスタイム(
tACC)(ns)
60
70
90
CE# アクセスタイム(tCE)(ns)
60
70
90
OE# アクセスタイム(tOE)(ns)
25
30
35
VCC
VSS
1
2
A20–A0
RESET#
WE#
CE#
BYTE#
DQ0–DQ15
WP#/ACC
RY/BY#
1
X-
OE#
BYTE#
DQ15–DQ0
A20–A0
A20–A0
Mux
Mux
Mux
2
X-
3
X-
4
X-
3
4


Similar Part No. - S29JL032H90TFI021

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL032H SPANSION-S29JL032H_09 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
More results

Similar Description - S29JL032H90TFI021

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LHF32KZ5 SHARP-LHF32KZ5 Datasheet
2Mb / 61P
   32M Flash Memory
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
SPANSION
MBM29BS32LF18 SPANSION-MBM29BS32LF18 Datasheet
314Kb / 60P
   BURST MODE FLASH MEMORY CMOS 32M (2M X 16) BIT
logo
Samsung semiconductor
K9F5608X0D SAMSUNG-K9F5608X0D Datasheet
860Kb / 35P
   32M x 8 Bit NAND Flash Memory
K9F5608U0M- SAMSUNG-K9F5608U0M- Datasheet
353Kb / 26P
   32M x 8 Bit NAND Flash Memory
logo
Sharp Corporation
LH28F320BFHE-PBTLZ2 SHARP-LH28F320BFHE-PBTLZ2 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTL60 SHARP-LH28F320BFHE-PTTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTL60 SHARP-LH28F320BFHE-PBTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com