Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KA36 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1.5KA36
Description  Automotive Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5KA36 Datasheet(HTML) 2 Page - Vishay Siliconix

  1.5KA36 Datasheet HTML 1Page - Vishay Siliconix 1.5KA36 Datasheet HTML 2Page - Vishay Siliconix 1.5KA36 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1.5KA6.8 thru 1.5KA43A
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88300
2
08-Oct-02
Electrical Characteristics (TA = 25°C unless otherwise noted)
TJ=150°C
Maximum
Breakdown Voltage
Maximum
Maximum
Peak Pulse
Maximum
Temp.
V(BR)
(1) at IT
Test
Stand-off
Reverse
Reverse
Current
Clamping
Coefficient
(V)
Current
Voltage
Leakage
Leakage
IPPM
Voltage
of
IT
VWM
at VWM
at VWM
(Note 2)
at lPPM
V(BR)
Device Type
Min
Max
(mA)
(Volts)
ID (
µA)
ID (
µA)
(Amps)
VC (Volts)
(% / °C)
1.5KA6.8
6.12
7.48
10
5.50
1000
10000
139
10.8
0.057
1.5KA6.8A
6.45
7.14
10
5.80
1000
10000
143
10.5
0.057
1.5KA7.5
6.75
8.25
10
6.05
500
5000
128
11.7
0.061
1.5KA7.5A
7.13
7.88
10
6.40
500
5000
133
11.3
0.061
1.5KA8.2
7.38
9.02
10
6.63
200
2000
120
12.5
0.065
1.5KA8.2A
7.79
8.61
10
7.02
200
2000
124
12.1
0.065
1.5KA9.1
8.19
10.0
1.0
7.37
50
500
109
13.8
0.068
1.5KA9.1A
8.65
9.55
1.0
7.78
50
500
112
13.4
0.068
1.5KA10
9.00
11.0
1.0
8.10
20
200
100
15.0
0.073
1.5KA10A
9.50
10.5
1.0
8.55
20
200
103
14.5
0.073
1.5KA11
9.90
12.1
1.0
8.92
5.0
50
92.6
16.2
0.075
1.5KA11A
10.5
11.6
1.0
9.40
5.0
50
96.2
15.6
0.076
1.5KA12
10.8
13.2
1.0
9.72
2.0
10
86.7
17.3
0.076
1.5KA12A
11.4
12.6
1.0
10.2
2.0
10
89.8
16.7
0.078
1.5KA13
11.7
14.3
1.0
10.5
2.0
10
78.9
19.0
0.081
1.5KA13A
12.4
13.7
1.0
11.1
2.0
10
82.4
18.2
0.081
1.5KA15
13.5
16.3
1.0
12.1
1.0
10
68.2
22.0
0.084
1.5KA15A
14.3
15.8
1.0
12.8
1.0
10
70.8
21.2
0.084
1.5KA16
14.4
17.6
1.0
12.9
1.0
10
63.8
23.5
0.086
1.5KA16A
15.2
16.8
1.0
13.6
1.0
10
66.7
22.5
0.086
1.5KA18
16.2
19.8
1.0
14.5
1.0
10
56.6
26.5
0.088
1.5KA18A
17.1
18.9
1.0
15.3
1.0
10
59.5
25.2
0.088
1.5KA20
18.0
22.0
1.0
16.2
1.0
10
51.5
29.1
0.090
1.5KA20A
19.0
21.0
1.0
17.1
1.0
10
54.2
27.7
0.090
1.5KA22
19.8
24.2
1.0
17.8
1.0
10
47.0
31.9
0.092
1.5KA22A
20.9
23.1
1.0
18.8
1.0
10
49.0
30.6
0.092
1.5KA24
21.6
26.4
1.0
19.4
1.0
10
43.2
34.7
0.094
1.5KA24A
22.8
25.2
1.0
20.5
1.0
10
45.2
33.2
0.094
1.5KA27
24.3
29.7
1.0
21.8
1.0
10
38.4
39.1
0.096
1.5KA27A
25.7
28.4
1.0
23.1
1.0
10
40.0
37.5
0.096
1.5KA30
27.0
33.0
1.0
24.3
1.0
10
34.5
43.5
0.097
1.5KA30A
28.5
31.5
1.0
25.6
1.0
10
36.2
41.4
0.097
1.5KA33
29.7
36.3
1.0
26.8
1.0
10
31.4
47.7
0.098
1.5KA33A
31.4
34.7
1.0
28.2
1.0
10
32.8
45.7
0.098
1.5KA36
32.4
39.6
1.0
29.1
1.0
10
28.8
52.0
0.099
1.5KA36A
34.2
37.8
1.0
30.8
1.0
10
30.1
49.9
0.099
1.5KA39
35.1
42.9
1.0
31.6
1.0
10
26.6
56.4
0.100
1.5KA39A
37.1
41.0
1.0
33.3
1.0
10
27.8
53.9
0.100
1.5KA43
38.7
47.3
1.0
34.8
1.0
10
24.2
61.9
0.101
1.5KA43A
40.9
45.2
1.0
36.8
1.0
10
25.3
59.3
0.101
Notes: (1) V(BR) measured after IT applied for 300
µs = square wave pulse or equivalent
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35


Similar Part No. - 1.5KA36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KA36 VISHAY-1.5KA36 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
1.5KA36 VISHAY-1.5KA36 Datasheet
78Kb / 5P
   PAR Transient Voltage Suppressors
Revision: 09-Feb-11
logo
General Semiconductor
1.5KA36 GE-1.5KA36 Datasheet
56Kb / 4P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1.5KA36A VISHAY-1.5KA36A Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
1.5KA36A VISHAY-1.5KA36A Datasheet
78Kb / 5P
   PAR Transient Voltage Suppressors
Revision: 09-Feb-11
More results

Similar Description - 1.5KA36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
logo
Shenzhen Luguang Electr...
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
P4KA6.8 VISHAY-P4KA6.8 Datasheet
36Kb / 3P
   Automotive Transient Voltage Suppressors
03-May-02
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
P6KA VISHAY-P6KA Datasheet
29Kb / 3P
   Automotive Transient Voltage Suppressors
06-May-02
logo
Shenzhen Luguang Electr...
SM8S33 LUGUANG-SM8S33 Datasheet
81Kb / 4P
   Automotive Transient Voltage Suppressors
logo
Shenzhen Taychipst Elec...
TMPG06-6.8 TAYCHIPST-TMPG06-6.8 Datasheet
13Mb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P6KA6.8 VISHAY-P6KA6.8 Datasheet
101Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com