Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSP2510D Datasheet(PDF) 3 Page - Integrated Device Technology

Part # CSP2510D
Description  3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

CSP2510D Datasheet(HTML) 3 Page - Integrated Device Technology

  CSP2510D Datasheet HTML 1Page - Integrated Device Technology CSP2510D Datasheet HTML 2Page - Integrated Device Technology CSP2510D Datasheet HTML 3Page - Integrated Device Technology CSP2510D Datasheet HTML 4Page - Integrated Device Technology CSP2510D Datasheet HTML 5Page - Integrated Device Technology CSP2510D Datasheet HTML 6Page - Integrated Device Technology CSP2510D Datasheet HTML 7Page - Integrated Device Technology CSP2510D Datasheet HTML 8Page - Integrated Device Technology CSP2510D Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
0
°CTO85°CTEMPERATURERANGE
IDTCSP2510D
3.3V PHASE-LOCK LOOP CLOCK DRIVER
STATIC FUNCTION TABLE (AVDD=0V)
DYNAMIC FUNCTION TABLE (AVDD=3.3V)
PIN DESCRIPTION
Terminal
Name
No.
Type
Description
CLK
24
I
Clockinput. CLKprovidestheclocksignaltobedistributedbytheCSP2510Dclockdriver. CLKisusedtoprovidethereferencesignal
totheintegratedPLLthatgeneratestheclockoutputsignals.CLKmusthaveafixedfrequencyandfixedphaseforthePLLtoobtainphase
lock. OncethecircuitispoweredupandavalidCLKsignalisapplied,astabilizationtimeisrequiredforthePLLtophaselockthefeedback
signaltoitsreferencesignal.
FBIN
13
I
Feedbackinput. FBINprovidesthefeedbacksignaltotheinternalPLL. FBINmustbehard-wiredtoFBOUTtocompletethePLL. The
integrated PLL synchronizes CLK and FBIN so that there is nominally zero phase error between CLK and FBIN.
G
11
I
Outputbankenable. GistheoutputenableforoutputsY(0:9). WhenGislow,outputsY(0:9)aredisabledtoalogic-lowstate. When
G is high, all outputs Y(0:9) are enabled and switch at the same frequency as CLK.
FBOUT
12
O
Feedback output. FBOUT is dedicated for external feedback. It switches at the same frequency as CLK. When externally wired to
FBIN, FBOUT completes the feedback loop of the PLL.
Y (0:9)
3, 4, 5, 8, 9,
O
Clockoutputs. Theseoutputsprovidelow-skewcopiesofCLK. OutputbankY(0:9)isenabledviatheGinput. Theseoutputscanbe
15, 16, 17,
disabledtoalogic-lowstatebyde-assertingtheGcontrolinput.
20,21
AVDD
23
Power
Analog power supply. AVDD provides the power reference for the analog circuitry. In addition, AVDD can be used to bypass the PLL
for test purposes. When AVDD is strapped to ground, PLL is bypassed and CLK is buffered directly to the device outputs.
AGND
1
Ground
Analog ground. AGND provides the ground reference for the analog circuitry.
VDD
2, 10, 14, 22 Power
Power supply
GND
6, 7, 18, 19 Ground
Ground
Inputs
Outputs
G
CLK
Y (0:9)
FBOUT
LL
L
L
LH
L
H
HH
H
H
HL
L
L
H
running
running
running
Inputs
Outputs
G
CLK
Y (0:9)
FBOUT
XL
L
L
L
running
L
runningin
phase with CLK
LH
L
H
H
running
runningin
runningin
phase with CLK
phase with CLK
HH
H
H


Similar Part No. - CSP2510D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSP2510D RENESAS-CSP2510D Datasheet
251Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
OCTOBER 2001
More results

Similar Description - CSP2510D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSP2510C RENESAS-CSP2510C Datasheet
262Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
NOVEMBER 2008
logo
Integrated Device Techn...
IDTCSP2510D IDT-IDTCSP2510D Datasheet
65Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Renesas Technology Corp
CSP2510D RENESAS-CSP2510D Datasheet
251Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
OCTOBER 2001
logo
Integrated Device Techn...
IDTCSP2510C IDT-IDTCSP2510C Datasheet
63Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT5V9352 IDT-IDT5V9352 Datasheet
81Kb / 10P
   3.3V/2.5V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT5V2528 IDT-IDT5V2528 Datasheet
61Kb / 7P
   2.5V / 3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT2309 IDT-IDT2309_12 Datasheet
125Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
logo
Integrated Circuit Syst...
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
   DDR Phase Lock Loop Zero Delay Clock Buffer
2019
logo
Integrated Circuit Syst...
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com