Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTCSP2510DPGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDTCSP2510DPGI
Description  3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCSP2510DPGI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDTCSP2510DPGI Datasheet HTML 1Page - Integrated Device Technology IDTCSP2510DPGI Datasheet HTML 2Page - Integrated Device Technology IDTCSP2510DPGI Datasheet HTML 3Page - Integrated Device Technology IDTCSP2510DPGI Datasheet HTML 4Page - Integrated Device Technology IDTCSP2510DPGI Datasheet HTML 5Page - Integrated Device Technology IDTCSP2510DPGI Datasheet HTML 6Page - Integrated Device Technology IDTCSP2510DPGI Datasheet HTML 7Page - Integrated Device Technology IDTCSP2510DPGI Datasheet HTML 8Page - Integrated Device Technology IDTCSP2510DPGI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
0
°CTO85°CTEMPERATURERANGE
IDTCSP2510D
3.3V PHASE-LOCK LOOP CLOCK DRIVER
SWITCHING CHARACTERISTICS OVER OPERATING RANGE OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE, CL = 30pF(1)
VDD = 3.3V ± 0.3V
Parameter (2)
From (Input)
To (Output)
Min.
Typ.
Max.
Unit
tPHASE error
100MHz < CLK
↑ < 166MHz
FBIN
–150
150
ps
tPHASEerror–jitter(3)
CLK
↑ = 166MHz
FBIN
– 50
50
ps
tSK(o)(4)
Any Y (166MHz)
Any Y

150
ps
Jitter(cycle-cycle)
CLK = 166MHz
Any Y or FBOUT
– 75
75
ps
(peak-to-peak)
Duty cycle reference (5)
CLK = 166MHz
Any Y or FBOUT
45
55
%
tR
Any Y or FBOUT
0.8
2.1
ns
tF
Any Y or FBOUT
0.8
2.5
ns
NOTES:
1. For Industrial devices, operating free-air temperature = -40°C to +85°C. See PARAMETER MEASUREMENT INFORMATION.
2. The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.
3. Phase error does not include jitter.
4. The tSK(O) specification is only valid for equal loading of all outputs.
5. See TYPICAL CHARACTERISTICS.


Similar Part No. - IDTCSP2510DPGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSP2510DPGI IDT-IDTCSP2510DPGI Datasheet
65Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
More results

Similar Description - IDTCSP2510DPGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSP2510C RENESAS-CSP2510C Datasheet
262Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
NOVEMBER 2008
logo
Integrated Device Techn...
IDTCSP2510D IDT-IDTCSP2510D Datasheet
65Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Renesas Technology Corp
CSP2510D RENESAS-CSP2510D Datasheet
251Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
OCTOBER 2001
logo
Integrated Device Techn...
IDTCSP2510C IDT-IDTCSP2510C Datasheet
63Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT5V9352 IDT-IDT5V9352 Datasheet
81Kb / 10P
   3.3V/2.5V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT5V2528 IDT-IDT5V2528 Datasheet
61Kb / 7P
   2.5V / 3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT2309 IDT-IDT2309_12 Datasheet
125Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
logo
Integrated Circuit Syst...
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
   DDR Phase Lock Loop Zero Delay Clock Buffer
2019
logo
Integrated Circuit Syst...
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com