Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE320F Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE320F
Description  Silicon NPN RF Power Transistor 40W @ 175MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE320F Datasheet(HTML) 1 Page - NTE Electronics

  NTE320F Datasheet HTML 1Page - NTE Electronics NTE320F Datasheet HTML 2Page - NTE Electronics NTE320F Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE320/NTE320F
Silicon NPN RF Power Transistor
40W @ 175MHz
Description:
The NTE320 and NTE320F are silicon NPN power transistors designed for 12.5V VHF large–signal
amplifier applications required in commercial and industrial equipment operating to 300MHz.
Features:
D Specified 12.5V, 175MHz Characteristics:
Output Power: 40W
Minimum Gain: 4.5dB
Efficiency: 70%
D Available in Two Different Package Styles:
T72 Stud Mount: NTE320
W52K Flange Mount: NTE320F
Absolute Maximum Ratings:
Collector–Emitter Voltage, VCEO
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCBO
36V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Collector Current, IC
7A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Device Dissipation (TC = +25°C, Note 1), PD
80W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
460mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stud Torque (NTE320 Only, Note 2)
6.5in. lb.
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. These devices are designed for RF operation. The total device dissipation rating applies
only when the devices are operated as RF amplifiers.
Note 2. For repeated assembly, use 5in. lb.


Similar Part No. - NTE320F

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE32 NTE-NTE32 Datasheet
20Kb / 2P
   Silicon Complementary Transistors TV Sound Output, TV Vertical Output, AF Driver Output
NTE322 NTE-NTE322 Datasheet
27Kb / 3P
   Silicon NPN Transistor RF Power Output
NTE3220 NTE-NTE3220 Datasheet
25Kb / 3P
   Optoisolator NPN Transistor Output
NTE3221 NTE-NTE3221 Datasheet
25Kb / 3P
   Optoisolator NPN Transistor Output
NTE3222 NTE-NTE3222 Datasheet
27Kb / 2P
   Optoisolator NPN Transistor Output
More results

Similar Description - NTE320F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF224 MOTOROLA-MRF224 Datasheet
131Kb / 3P
   40W, 175MHz RF POWER TRANSISTOR NPN SILICON
logo
NTE Electronics
NTE360 NTE-NTE360 Datasheet
73Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz
logo
M/A-COM Technology Solu...
DU2840S MA-COM-DU2840S Datasheet
164Kb / 3P
   RF Power MOSFET Transistor 40W, 2-175MHz, 28V
logo
NTE Electronics
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
   Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
NTE342 NTE-NTE342 Datasheet
21Kb / 2P
   Silicon NPN Transistor RF Power Output (PO = 6W, 175MHz)
NTE343 NTE-NTE343 Datasheet
21Kb / 2P
   Silicon NPN Transistor RF Power Output (PO = 14W, 175MHz)
NTE353 NTE-NTE353 Datasheet
20Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 4W @ 175MHz
NTE354 NTE-NTE354 Datasheet
20Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 15W @ 175MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com