Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931Z-50 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LM2931Z-50
Description  100mA Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM2931Z-50 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LM2931Z-50 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM2931Z-50 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM2931Z-50 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2931Z-50 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2931Z-50 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM2931Z-50 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM2931Z-50 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM2931Z-50 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
LM2931
TYPICAL CHARACTERISTICS
0.6
0.5
0.2
0
JUNCTION TEMPERATURE (ºC)
25
3
2
0
-40
0
80
120
JUNCTION TEMPERATURE (ºC)
0.4
0.3
0.1
0
40
80
120
DROPOUT VOLTAGE
QUIESCENT CURRENT
6.0
3.0
2.0
1.0
2.0
3.0
4.0
5.0
6.0
INPUT VOLTAGE (V)
LOW VOLTAGE BEHAVIOR
1.0
0.8
0.6
0.5
0
5
10
15
20
25
30
AMBIENT TEMPERATURE (ºC)
MAXIMUM POWER DISSIPATION (SO-
8)
0.9
0.7
0.4
10
1
0.1
0
30
60
90
120
150
FREQUENCY (Hz)
MAXIMUM POWER DISSIPATION
0.01
0.4
0.2
OUTPUT CURRENT (mA)
0
0
OUTPUT CURRENT (mA)
0.3
0.1
0
DROPOUT VOLTAGE
QUIESCENT CURRENT
22
20
6
0
010 20
40
70 80
100
AMBIENT TEMPERATURE (ºC)
MAXIMUM POWER DISSIPATION (TO-220)
1.10
18
21
OUTPUT VOLTAGE (V)
REFERENCE VOLTAGE
800
500
0
INPUT VOLTAGE (V)
200
100
10
20
PEAK OUTPUT CURRENT
1.0
020
40
50 60
AMBIENT TEMPERATURE (ºC)
MAXIMUM POWER DISSIPATION (TO-92)
30
60
90
5
10
15
20
25
30
0
50
100
1.12
1.18
1.22
1.26
1.30
912
300
400
0.9
0.8
0.7
0.6
0.5
0.4
OPERATION DURING LOAD DUMP
TIME (ms)
400
200
100
-100
30
10
0
6
4
-2
10
15
20
15
30
18
2
0
0
300
1
~
~
~
~
40
I
O = 0mA
I
O = 50mA
V
IN = 14V
24
6
3
0
1.14
1.16
1.24
1.20
1.28
LM2931CT ADJUSTABLE
I
O = 100mA
I
O = 50mA
I
O = 10mA
0.5
0.6
0
T
J = 25ºC
T
J = 85ºC
T
J = -40ºC
4.0
5.0
LM2931 5.0
I
O = 100 mA
INFINITE HEAT SINK
10 ºC/W HEAT SINK
NO HEAT SINK
14
16
12
10
8
4
2
30
50 60
90
0.1
0.3
0.2
0
10
30
70
80
90
0.125" LEAD LENGTH
FROM PC BOARD
0.4" LENGTH
FROMPC BOARD
LM2931-
5.0
I
O = 10mA
0.3
0.2
0.1
0
~
~
20
40
50
60
70
500
~
~
C
O = 100µF
R
L = 500W


Similar Part No. - LM2931Z-50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931Z-5 NSC-LM2931Z-5 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
LM2931Z-5.0 NSC-LM2931Z-5.0 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
ON Semiconductor
LM2931Z-5.0 ONSEMI-LM2931Z-5.0 Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
Motorola, Inc
LM2931Z-5.0 MOTOROLA-LM2931Z-5.0 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
ON Semiconductor
LM2931Z-5.0 ONSEMI-LM2931Z-5.0 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
More results

Similar Description - LM2931Z-50

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
   100mA Low -Dropout Voltage Regulator
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950_1 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
AMS116 ADMOS-AMS116 Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com