Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V285L10TFI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72V285L10TFI
Description  3.3 VOLT CMOS SuperSync FIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V285L10TFI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72V285L10TFI Datasheet HTML 3Page - Integrated Device Technology IDT72V285L10TFI Datasheet HTML 4Page - Integrated Device Technology IDT72V285L10TFI Datasheet HTML 5Page - Integrated Device Technology IDT72V285L10TFI Datasheet HTML 6Page - Integrated Device Technology IDT72V285L10TFI Datasheet HTML 7Page - Integrated Device Technology IDT72V285L10TFI Datasheet HTML 8Page - Integrated Device Technology IDT72V285L10TFI Datasheet HTML 9Page - Integrated Device Technology IDT72V285L10TFI Datasheet HTML 10Page - Integrated Device Technology IDT72V285L10TFI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
COMMERCIALANDINDUSTRIALTEMPERATURERANGE
IDT72V275/72V285
WhenconfiguredinIDTStandardmode,the
EFandFFoutputsaredouble
register-bufferedoutputs.
Relevant timing diagrams for IDT Standard mode can be found in Figure
7, 8 and 11.
FIRST WORD FALL THROUGH MODE (FWFT)
In this mode, the status flags,
IR,PAF,HF,PAE,andORoperateinthe
manneroutlinedinTable2.TowritedataintototheFIFO,
WENmustbeLOW.
DatapresentedtotheDATAINlineswillbeclockedintotheFIFOonsubsequent
transitions of WCLK. After the first write is performed, the Output Ready (
OR)
flag will go LOW. Subsequent writes will continue to fill up the FIFO.
PAEwill
goHIGHaftern + 2wordshavebeenloadedintotheFIFO,wherenistheempty
offsetvalue.ThedefaultsettingforthisvalueisstatedinthefootnoteofTable2.
Thisparameterisalsouserprogrammable.SeesectiononProgrammableFlag
OffsetLoading.
If one continued to write data into the FIFO, and we assumed no read
operations were taking place, the
HFwouldtoggletoLOWoncethe16,386th
word for the IDT72V275 and 32,770th word for the IDT72V285, respectively
was written into the FIFO. Continuing to write data into the FIFO will cause the
PAFtogoLOW.Again,ifnoreadsareperformed, thePAFwillgoLOWafter
(32,769-m)writesfortheIDT72V275 and(65,537-m)writesfortheIDT72V285,
where m is the full offset value. The default setting for this value is stated in the
footnote of Table 2.
WhentheFIFOisfull,theInputReady(
IR)flagwillgoHIGH,inhibitingfurther
write operations. If no reads are performed after a reset,
IRwillgoHIGHafter
D writes to the FIFO. D = 32,769 writes for the IDT72V275 and 65,537 writes
for the IDT72V285, respectively. Note that the additional word in FWFT mode
is due to the capacity of the memory plus output register.
If the FIFO is full, the first read operation will cause the
IRflag to go LOW.
Subsequent read operations will cause the
PAF and HF to go HIGH at the
conditions described in Table 2. If further read operations occur, without write
operations,the
PAEwillgoLOWwhentherearen+1wordsintheFIFO,where
n is the empty offset value. Continuing read operations will cause the FIFO to
become empty. When the last word has been read from the FIFO,
ORwillgo
HIGH inhibiting further read operations.
REN is ignored when the FIFO is
empty.
When configured in FWFT mode, the
OR flag output is triple register-
buffered, and the
IR flagoutputisdoubleregister-buffered.
Relevant timing diagrams for FWFT mode can be found in Figure 9, 10 and
12.
PROGRAMMING FLAG OFFSETS
FullandEmptyFlagoffsetvaluesareuserprogrammable.TheIDT72V275/
72V285hasinternalregistersfortheseoffsets.Defaultsettingsarestatedinthe
footnotesofTable1andTable2.OffsetvaluescanbeprogrammedintotheFIFO
inoneoftwoways;serialorparallelloadingmethod.Theselectionoftheloading
method is done using the
LD(Load)pin.DuringMasterReset,thestateofthe
LD input determines whether serial or parallel flag offset programming is
enabled. A HIGH on
LD during Master Reset selects serial loading of offset
values and in addition, sets a default
PAE offset value of 3FFH (a threshold
1,023wordsfromtheemptyboundary),andadefault
PAFoffsetvalueof3FFH
(a threshold 1,023 words from the full boundary). A LOW on
LDduringMaster
Resetselectsparallelloadingofoffsetvalues,andinaddition,setsadefault
PAE
offset value of 07FH (a threshold 127 words from the empty boundary), and
a default
PAF offset value of 07FH (a threshold 127 words from the full
boundary). See Figure 3, Offset Register Location and Default Values.
In addition to loading offset values into the FIFO, it also possible to read the
current offset values. It is only possible to read offset values via parallel read.
.UNCTIONAL DESCRIPTION
TIMING MODES: IDT STANDARD vs FIRST WORD FALL THROUGH
(FWFT) MODE
The IDT72V275/72V285 support two different timing modes of operation:
IDT Standard mode or First Word Fall Through (FWFT) mode. The selection
of which mode will operate is determined during Master Reset, by the state of
the FWFT/SI input.
If, at the time of Master Reset, FWFT/SI is LOW, then IDT Standard mode
will be selected. This mode uses the Empty Flag (
EF) to indicate whether or
not there are any words present in the FIFO. It also uses the Full Flag function
(
FF)toindicatewhetherornottheFIFOhasanyfreespaceforwriting. InIDT
Standard mode, every word read from the FIFO, including the first, must be
requested using the Read Enable (
REN) and RCLK.
If, at the time of Master Reset, FWFT/SI is HIGH, then FWFT mode will be
selected. This mode uses Output Ready (
OR)toindicatewhetherornotthere
is valid data at the data outputs (Qn). It also uses Input Ready (
IR)toindicate
whether or not the FIFO has any free space for writing. In the FWFT mode,
thefirstwordwrittentoanemptyFIFOgoesdirectlytoQnafterthreeRCLKrising
edges,
REN=LOWisnotnecessary. Subsequentwordsmustbeaccessed
using the Read Enable (
REN) and RCLK.
Varioussignals,bothinputandoutputsignalsoperatedifferentlydepending
on which timing mode is in effect.
IDT STANDARD MODE
In this mode, the status flags,
FF,PAF,HF,PAE,andEFoperateinthe
manneroutlinedinTable1.TowritedataintototheFIFO,WriteEnable(
WEN)
mustbeLOW.DatapresentedtotheDATAINlineswillbeclockedintotheFIFO
on subsequent transitions of the Write Clock (WCLK). After the first write is
performed, the Empty Flag (
EF)willgoHIGH.Subsequentwriteswillcontinue
to fill up the FIFO. The Programmable Almost-Empty flag (
PAE)willgoHIGH
after n + 1 words have been loaded into the FIFO, where n is the empty offset
value. The default setting for this value is stated in the footnote of Table 1. This
parameter is also user programmable. See section on Programmable Flag
OffsetLoading.
If one continued to write data into the FIFO, and we assumed no read
operationsweretakingplace,theHalf-Fullflag(
HF)wouldtoggletoLOWonce
the 16,385th word for IDT72V275 and 32,769th word for IDT72V285
respectively was written into the FIFO. Continuing to write data into the FIFO
will cause the Programmable Almost-Full flag (
PAF) to go LOW. Again, if no
reads are performed, the
PAF will go LOW after (32,768-m) writes for the
IDT72V275 and (65,536-m) writes for the IDT72V285. The offset “m” is the full
offsetvalue.ThedefaultsettingforthisvalueisstatedinthefootnoteofTable1.
Thisparameterisalsouserprogrammable.SeesectiononProgrammableFlag
OffsetLoading.
When the FIFO is full, the Full Flag (
FF)willgoLOW,inhibitingfurtherwrite
operations. Ifnoreadsareperformedafterareset,
FFwillgoLOWafterDwrites
to the FIFO. D = 32,768 writes for the IDT72V275 and 65,536 for the
IDT72V285, respectively.
If the FIFO is full, the first read operation will cause
FF to go HIGH.
Subsequent read operations will cause
PAF and HF to go HIGH at the
conditions described in Table 1. If further read operations occur, without write
operations,
PAE will go LOW when there are n words in the FIFO, where n
is the empty offset value. Continuing read operations will cause the FIFO to
become empty. When the last word has been read from the FIFO, the
EFwill
go LOW inhibiting further read operations.
REN is ignored when the FIFO is
empty.


Similar Part No. - IDT72V285L10TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V285 IDT-IDT72V285 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
logo
Renesas Technology Corp
IDT72V285 RENESAS-IDT72V285 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
More results

Similar Description - IDT72V285L10TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com