Electronic Components Datasheet Search |
|
MBR140SFT3 Datasheet(PDF) 2 Page - ON Semiconductor |
|
MBR140SFT3 Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 6 page MBR140SFT1 http://onsemi.com 2 MAXIMUM RATINGS Rating Symbol Value Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 40 V Average Rectified Forward Current (At Rated VR, TL = 112°C) IO 1.0 A Peak Repetitive Forward Current (At Rated VR, Square Wave, 100 kHz, TL = 95°C) IFRM 2.0 A Non−Repetitive Peak Surge Current (Non−Repetitive peak surge current, halfwave, single phase, 60 Hz) IFSM 30 A Storage Temperature Tstg −55 to 150 °C Operating Junction Temperature TJ −55 to 125 °C Voltage Rate of Change (Rated VR, TJ = 25°C) dv/dt 10,000 V/ ms THERMAL CHARACTERISTICS Thermal Resistance − Junction−to−Lead (Note 1) Thermal Resistance − Junction−to−Lead (Note 2) Thermal Resistance − Junction−to−Ambient (Note 1) Thermal Resistance − Junction−to−Ambient (Note 2) Rtjl Rtjl Rtja Rtja 26 21 325 82 °C/W 1. Mounted with minimum recommended pad size, PC Board FR4. 2. Mounted with 1 in. copper pad (Cu area 700 mm2). ELECTRICAL CHARACTERISTICS Maximum Instantaneous Forward Voltage (Note 3), See Figure 2 VF TJ = 25°C TJ = 85°C V (IF = 0.1 A) (IF = 1.0 A) (IF = 3.0 A) 0.36 0.55 0.85 0.30 0.515 0.88 Maximum Instantaneous Reverse Current (Note 3), See Figure 4 IR TJ = 25°C TJ = 85°C mA (VR = 40 V) (VR = 20 V) 0.5 0.15 25 18 3. Pulse Test: Pulse Width ≤ 250 µs, Duty Cycle ≤ 2%. |
Similar Part No. - MBR140SFT3 |
|
Similar Description - MBR140SFT3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |